Electronic Components Datasheet Search
  English  ▼

X  

RFM42B Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # RFM42B
Description  ISM TRANSMITTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM42B Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button RFM42B Datasheet HTML 23Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 24Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 25Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 26Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 27Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 28Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 29Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 30Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
RFM42B/43B
5. Internal Functional Blocks
This section provides an overview some of the key blocks of the internal radio architecture.
5.1. Synthesizer
An integrated Sigma Delta (ΣΔ) Fractional-N PLL synthesizer capable of operating from 240–960 MHz is provided
on-chip. Using a ΣΔ synthesizer has many advantages; it provides flexibility in
channel frequency, and channel spacing. The transmit modulation is applied directly
domain through the fractional divider which results in very precise accuracy and control over the transmit
Depending on the part, the PLL and
- modulator scheme is designed to support any desired frequency and
channel spacing in the range from 240–960 MHz with a frequency resolution of 156.25 Hz (Low band) or 312.5 Hz
(High band). The transmit data rate can be programmed between 0.123–256 kbps, and the frequency deviation
can be programmed between ±1–320 kHz. These parameters may be adjusted via registers as shown in "3.5.
Frequency Control".
Figure 10. PLL Synthesizer Block Diagram
The reference frequency to the PLL is 10 MHz. The PLL utilizes a differential L-C VCO, with integrated on-chip
inductors. The output of the VCO is followed by a configurable divider which will divide down the signal to the
desired output frequency band. The modulus of this divider stage is controlled dynamically by the output from the
- modulator. The tuning resolution is sufficient to tune to the commanded frequency with a maximum accuracy of
312.5 Hz anywhere in the range between 240–960 MHz.
5.1.1. VCO
The output of the VCO is automatically divided down to the correct output frequency depending on the hbsel and
fb[4:0] fields in "Register 75h. Frequency Band Select." The VCO integrates the resonator inductor, tuning varactor,
so no external VCO components are required.
The VCO uses a capacitance bank to cover the wide frequency range specified. The capacitance bank will
automatically be calibrated every time the synthesizer is enabled. In certain fast hopping applications this might not
be desirable so the VCO calibration may be skipped by setting the appropriate register.
5.2. Power Amplifier
The RFM42B contains an internal integrated power amplifier(PA) capable of transmitting at output levels between-1
and +20dBm. The RFM43B contains a PA which is capable of transmitting output levels between –8 to +13 dBm.
The PA can chang the output
efficiency will not be constant. The PA output is ramped up and down to prevent unwanted spectral splatter.
N
LPF
CP
PFD
Delta-
Sigma
Fref = 10 M
VCO
TX
Modulation
Selectable
Divider
TX
27
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
choosing data rate, deviation,
to the loop in the digital
deviation.
power by adjusting txpow[2:0] will scale both the output power and current but the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com