Electronic Components Datasheet Search
  English  ▼

X  

RFM42B Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RFM42B
Description  ISM TRANSMITTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM42B Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RFM42B Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 17Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 18Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 19Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 20Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 21Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 22Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
RFM42B/43B
Table 11. Frequency Band Selection
fb[4:0] Value
N
Frequency Band
hbsel=0
hbsel=1
0
24
240–249.9 MHz
480–499.9 MHz
1
25
250–259.9 MHz
500–519.9 MHz
2
26
260–269.9 MHz
520–539.9 MHz
3
27
270–279.9 MHz
540–559.9 MHz
4
28
280–289.9 MHz
560–579.9 MHz
5
29
290–299.9 MHz
580–599.9 MHz
6
30
300–309.9 MHz
600–619.9 MHz
7
31
310–319.9 MHz
620–639.9 MHz
8
32
320–329.9 MHz
640–659.9 MHz
9
33
330–339.9 MHz
660–679.9 MHz
10
34
340–349.9 MHz
680–699.9 MHz
11
35
350–359.9 MHz
700–719.9 MHz
12
36
360–369.9 MHz
720–739.9 MHz
13
37
370–379.9 MHz
740–759.9 MHz
14
38
380–389.9 MHz
760–779.9 MHz
15
39
390–399.9 MHz
780–799.9 MHz
16
40
400–409.9 MHz
800–819.9 MHz
17
41
410–419.9 MHz
820–839.9 MHz
18
42
420–429.9 MHz
840–859.9 MHz
19
43
430–439.9 MHz
860–879.9 MHz
20
44
440–449.9 MHz
880–899.9 MHz
21
45
450–459.9 MHz
900–919.9 MHz
22
46
460–469.9 MHz
920–939.9 MHz
23
47
470–479.9 MHz
940–960 MHz
19
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com