Electronic Components Datasheet Search
  English  ▼

X  

RFM50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RFM50
Description  MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RFM50 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RFM50 V1.0
2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
-Frequency range = 433,470,868,915 MHz ISM Band
-Sensitivity = –121 dBm
-FSK, GFSK, and OOK modulation
-Max output power = +20 dBm
-RF power consumption
- 18.5mA receive
-18 mA @+1 dBm transmit
- 40mA @+13 dBm transmit
- 100mA @+20 dBm transmit
-Data rate = 0.123 to 256 kbps
-Auto-frequency calibration (AFC)
- transmit/receive switch control
-Programmable packet handler
-TX and RX 64 byte FIFOs
-Frequency hopping capability
-On-chip crystal tuning
Digital Peripherals
-19 or 16 port I/O plus 3 GPIO pins; Hardware enhanced UART, SPI, and I2C serial ports available concurrently
-Low power 32-bit SmaRTClock
-Four general purpose 16-bit counter/timers; six channel programmable counter array (PCA)
Clock Sources
-Precision internal oscillators: 24.5 MHz with ±2% accuracy supports UART operation; spread-spectrum mode for
reduced EMI; Low power 20 MHz internal oscillator
-External oscillator: Crystal, RC, C, CMOS clock
-SmaRTClock oscillator: 32.768 kHz crystal or self-oscillate
-Can switch between clock sources on-the-fly; useful in power saving modes and in implementing various power saving
modes
I/O Port
-19 or 20 port I/O (5 V tolerant except for GPIO_2)
Package
-30-pin SMD (11x25X2.0 mm)
3.
7B
Typical Application
• Internet of Things
• Wireless data collection
• Meter Reading
• Automobile security system
• Wireless sensor
• Home automation and security system



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com