Electronic Components Datasheet Search
  English  ▼

X  

RFM50 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RFM50
Description  MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM50 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RFM50 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RFM50 V1.0
3
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
4.
8B
Pin Definition
Figure 1. RFM50 Pin Definition(TOP VIEW)
definition
Type
Function
ANT
AI/ AO
RF signal input/output port, Connect 50 OHM antenna
GND
G
Power ground
GPIO2
DI/DO or AI/AO
General Purpose I/O controlled by the RF22 periph-eral. May be configured
through the RF22 registers to perform various functions including: Clock Output,
FIFO status, POR, Wake-Up Timer, Low Battery Detect, TRSW, AntDiversity
control, etc. See the RF22 GPIO Con-figuration Registers for more information.
P0.7
IREF0
D I/O or A I
AO
Port 0.7. See RF50 Port I/O section for a complete description.
IREF0 Output. See RF50 IREF section for complete description.
P0.6
CNVSTR
D I/O or A I
DI
Port 0.6. See RF50 Port I/O section for a complete description.
External Convert Start Input for ADC0. See RF50 ADC0 section for a complete
description.
P0.5
RX
D I/O or A I
DI
Port 0.5. See RF50 Port I/O section for a complete description.
UART RX Pin. See RF50 Port I/O section.
P0.4
TX
D I/O or A I
DO
Port 0.4. See RF50 Port I/O section for a complete description.
UART TX Pin. See RF50 Port I/O section.
P0.1
AGND
D I/O or A I
G
Port 0.1. See Port I/O Section for a complete description. Optional Analog
Ground. See VREF chapter.
P0.3
D I/O or A In
Port 0.3. See RF50 Port I/O Section for a complete description.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com