Electronic Components Datasheet Search
  English  ▼

X  

RFM50 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RFM50
Description  MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM50 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RFM50 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RFM50 V1.0
5
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
XIN
AI
RF22 peripheral crystal oscillator input. Connect to an external 30 MHz crystal or
to an external source. If using an external clock source with no crystal, dc
coupling with a nominal 0.8 VDC level is recommended with a minimum ac
amplitude of 700 mVpp.
5.
9B
Electrical Parameter
0B
5.1 Maximum
parameter
minimum
maximum
Unit
Positive power supply
-0.3
+3.6
V
Voltage on Digital Control Inputs
-0.3
VDD + 0.3
V
Voltage on Analog Inputs
-0.3
VDD + 0.3
V
RX Input Power
+10
dBm
Storage temperature
-55
+125
℃
Soldering temperature(10s)
+260
℃
1B
5.2 Recommended working range
parameter
minimum
maximum
Unit
Positive power supply
2.2
+3.6
V
Working temperature
-40
+85
℃
2B
5.3 DC characteristic
parameter
conditions
minimum
typical
maximum
Unit
Supply current
(TX mode, Pout =+20dBm)
433,470,868,915MHZ band
100
mA
Supply current
(TX mode, Pout = +13 dBm)
433,470,868,915MHZ band
40
mA
Supply current
(TX mode, Pout = +1dBm)
433,470,868,915MHZ band
18
mA
Supply current
(RX mode)
433,470,868,915MHZ band
18.5
mA
Standby current
Low Power Digital Regulator ON
(Register values retained) and Main
Digital Regula-tor, and RC Oscillator
OFF
450
800
nA
Sleep current
RC Oscillator and Low Power Digital
Reg-ulator ON (Register values
retained) and Main Digital Regulator
OFF
1
uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com