Electronic Components Datasheet Search
  English  ▼

X  

RFM50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM50
Description  MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM50 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RFM50 V1.0
1
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
(
the purpose of this RFM50 spec covers mainly for the
hardware and RF parameter info of the module, for MCU
and software info please refer to
H
RF50 chip data sheets
H
,
for RFM50’ demo Please refer to RF(M)50 demo kit)
1.
5B
General Introduction
RFM50 module series’ design is based on the high performance
RF50 SoC chip, It include a
CIP-51 core‘ MCU and 100mW
transceiver. It operate at 433/470/868/915 MHz ISM band, comply
with FCC, ETSI regulation.
2.
6B
Features
Ultra Low Power: 0.9 to 3.6 V Operation
-Typical sleep mode current < 0.1 μA; retains state and RAM
contents over full supply range; fast wakeup of < 2 μs
-Less than 600 nA with RTC running
-Less than 1 μA with RTC running and radio state retained
-On-chip dc-dc converter allows operation down to 0.9 V.
-Two built-in brown-out detectors cover sleep and active modes
10-Bit Analog to Digital Converter
-Up to 300 ksps
-Up to 18 external inputs
-External pin or internal VREF (no external capacitor required)
-Built-in temperature sensor
-External conversion start input option
-Autonomous burst mode with 16-bit automatic averaging accumulator
Dual Comparators
-Programmable hysteresis and response time
-Configurable as interrupt or reset source
-Low current (< 0.5 μA)
On-Chip Debug
-On-chip debug circuitry facilitates full-speed, non-intrusive in-system debug (No emulator required)
-Provides breakpoints, single stepping
-Inspect/modify memory and registers
-Complete development kit
High-Speed 8051 μC Core
-Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks
-Up to 25 MIPS throughput with 25 MHz clock
-Expanded interrupt handler
Memory
-4352 bytes internal data RAM (256 + 4096)
-64 kB Flash; In-system programmable in 1024-byte sectors—1024 bytes are reserved in the 64 kB devices
Transceiver
RFM50


Similar Part No. - RFM50

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
ISM Band Transceiver Module
RFM50-433 HOPE-RFM50-433 Datasheet
244Kb / 8P
ISM Band Transceiver Module
RFM50-470 HOPE-RFM50-470 Datasheet
244Kb / 8P
ISM Band Transceiver Module
RFM50-868 HOPE-RFM50-868 Datasheet
244Kb / 8P
ISM Band Transceiver Module
RFM50-915 HOPE-RFM50-915 Datasheet
244Kb / 8P
ISM Band Transceiver Module
More results

Similar Description - RFM50

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF610 MICREL-MICRF610 Datasheet
291Kb / 19P
868-870 MHz ISM Band Transceiver Module
MICRF610_0608 MICREL-MICRF610_0608 Datasheet
704Kb / 20P
868-870MHz ISM Band Transceiver Module
logo
List of Unclassifed Man...
RFM60 ETC2-RFM60 Datasheet
291Kb / 9P
MCU with 315/433/868/915 MHz ISM Band Transmitter Module
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
Suntsu Electronics, Inc...
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
ISM 433/868/915 Band
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
ISM 433/868/915 Band
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
ISM 868 / 915 MHz ANTENNA
logo
Pulse A Technitrol Comp...
W3100X PULSE-W3100X Datasheet
2Mb / 31P
ISM 169/433/868/915/2450MHz Helical Antenna
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com