Electronic Components Datasheet Search
  English  ▼

X  

RFM50 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RFM50
Description  MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM50 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RFM50 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM50 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RFM50 V1.0
4
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
XTAL2
A O
DI
AI
External Clock Output. This pin is the excitation driver for an external crystal or
resonator.
External Clock Input. This pin is the external clock input in external CMOS clock
mode.
External Clock Input. This pin is the external clock input in capacitor or RC
oscillator configurations.
See RF50 Oscillator section for complete details.
P0.2
XTAL1
D I/O or A I
AI
Port 0.2. See RF50 Port I/O Section for a complete description.
External Clock Input. This pin is the external oscillator return for a crystal or
resonator. See RF50 Oscillator section.
P0.0
VREF
D I/O or A I
AI
AO
Port 0.0. See RF50 Port I/O section for a complete description.
External VREF Input.
Internal VREF Output. External VREF decoupling capacitors are recommended.
See RF50 Voltage Reference section.
RST/
C2CK
D I/O
D I/O
Device Reset. Open-drain output of internal POR or VDD monitor. An external
source can initiate a system reset by driving this pin low for at least 15 μs. A 1–5
k
pullup to VDD_MCU is recommended. See Reset Sources section for a
 
complete description.
Clock signal for the C2 Debug Interface.
P2.7/
C2D
D I/O
D I/O
Port 2.7. This pin can only be used as GPIO. The Crossbar cannot route signals
to this pin and it cannot be configured as an analog input. See RF50 Port I/O
section for a complete description.
Bi-directional data signal for the C2 Debug Interface.
P2.6
D I/O or A I
Port 2.6. See RF50 Port I/O section for a complete description.
GND
G
Power ground
VDD
PI
Positive power supply, 1.8 to 3.6 V.
P2.5
D I/O or A I
Port 2.5. See RF50 Port I/O section for a complete description.
P2.4
D I/O or A I
Port 2.4. See RF50 Port I/O section for a complete description.
P2.3
D I/O or A I
Port 2.3. See RF50 Port I/O section for a complete description.
P2.2
D I/O or A I
Port 2.2. See RF50 Port I/O section for a complete description.
XTAL4
AO
SmaRTClock Oscillator Crystal Output.
XTAL3
AI
SmaRTClock Oscillator Crystal Input.
P2.1
D I/O or A I
Port 2.1. See RF50 Port I/O section for a complete description.
P2.0
D I/O or A I
Port 2.0. See RF50 Port I/O section for a complete description.
P1.7
D I/O or A I
Port 1.7. See RF50 Port I/O section for a complete description.
P1.6
D I/O or A I
Port 1.6. See RF50 Port I/O section for a complete description.
P1.5
D I/O or A I
Port 1.5. See RF50 Port I/O section for a complete description.
NIRQ
D O
RF22 peripheral interrupt status pin. Will be set low to indicate a pending RF22
interrupt event. See the RF22 Control Logic Registers for more details. This pin
is an open-drain output with a 220 k
internal pullup resistor. An external pull
 
-up
resistor is recommended.
XOUT
AO
RF22 peripheral crystal oscillator output. Connect to an external 30 MHz crystal
or leave floating if driving the XIN pin with an external signal source.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com