Electronic Components Datasheet Search
  English  ▼

X  

WF5028 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # WF5028
Description  0.8V operation Crystal Oscillator Module ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5028 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  WF5028 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —2
SERIES CONFIGURATION
VERSION NAME
Version*1
*1. Chip form devices have designation CF5028
××.
Operating
supply voltage
range [V]
Oscillation
mode
Recommended
oscillation frequency
range*2 [MHz]
*2. The recommended oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the
oscillation frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting condi-
tions, so the oscillation characteristics of components must be carefully evaluated.
Output
frequency
Output drive
capability [mA]
(VDD = 1.2V)
Standby mode
Oscillator stop
function
Output state
WF5028
×1
0.8 to 2.0
Fundamental
20 to 50
fO (oscillation
frequency)
± 3
Yes
Hi-Z
WF5028
×2fO/2
WF5028
×3fO/4
WF5028
×4fO/8
WF5028
×5fO/16
WF5028
×6fO/32
WF5028
×7fO/64
Device
Package
Version name
WF5028
××–4
Wafer form
CF5028
××–4
Chip form
WF5028
−4
Frequency divider function
Pad layout type
Form
A: for Flip Chip Bonding
B: for Wire Bonding (type I)
C: for Wire Bonding (type II)
WF: Wafer form
CF: Chip (Die) form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com