Electronic Components Datasheet Search
  English  ▼

X  

WF5028 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # WF5028
Description  0.8V operation Crystal Oscillator Module ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5028 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  WF5028 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —1
0.8V operation Crystal Oscillator Module ICs
OVERVIEW
The WF5028 series are miniature crystal oscillator module ICs. The devices are fabricated using a proprietary
low voltage process, enabling 0.8V operation. The pad layouts are selective from 3 types depending on pack-
age structures, mounting methods, which are suitable for miniature crystal oscillators. The WF5028 series can
be used to realize ultra miniature, ultra low voltage crystal oscillators.
FEATURES
I
Wide range of operating supply voltage: 0.8 to 2.0V
I
Optimized low crystal drive current oscillation for
miniature crystal units
I
3 pad layout options for mounting
• WF5028A
× series: for Flip Chip Bonding
• CF5028B
× series: for Wire Bonding (type I)
• CF5028C
× series: for Wire Bonding (type II)
I
Recommended oscillation frequency range:
20MHz to 50MHz
I
Multi-stage frequency divider for low-frequency
output support: 0.75MHz (min)
I
Frequency divider built-in
• Selectable by version: fO, fO/2, fO/4, fO/8, fO/16,
fO/32, fO/64
I
−40 to 85°C operating temperature range
I
Standby function
• High impedance in standby mode, oscillator
stops
I
CMOS output duty level (1/2VDD)
I
50 ± 5% output duty
I
15pF output drive capability
I
Wafer form (WF5028
××)
Chip form (CF5028
××)
APPLICATIONS
I
3.2
× 2.5, 2.5 × 2.0, 2.0 × 1.6 size miniature crystal oscillator modules
ORDERING INFORMATION
Device
Package
WF5028
××–4
Wafer form
CF5028
××–4
Chip form


Similar Part No. - WF5028

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5025 NPC-WF5025 Datasheet
121Kb / 16P
Crystal Oscillator Module ICs
WF5025AL1 NPC-WF5025AL1 Datasheet
121Kb / 16P
Crystal Oscillator Module ICs
WF5025AL2 NPC-WF5025AL2 Datasheet
121Kb / 16P
Crystal Oscillator Module ICs
WF5025AL3 NPC-WF5025AL3 Datasheet
121Kb / 16P
Crystal Oscillator Module ICs
WF5025AL4 NPC-WF5025AL4 Datasheet
121Kb / 16P
Crystal Oscillator Module ICs
More results

Similar Description - WF5028

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com