Electronic Components Datasheet Search
  English  ▼

X  

WF5028 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # WF5028
Description  0.8V operation Crystal Oscillator Module ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5028 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button WF5028 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 9Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 10Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 11Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 12Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —12
Phase Noise
Measurement equipment: Agilent E5052
Signal Source Analyzer
Output Waveform
Measurement equipment: Agilent DSO80604B
Oscilloscope
5028
×1, fOSC = 48MHz, fOUT = 48MHz, Ta = 25°C
10
100
1,000
10,000
1,000,000
10,000,000
100,000
Offset frequency [Hz]
−40
−60
−80
−100
−120
−140
−160
−180
0.9V
1.2V
1.5V
1.8V
5028
×1, VDD = 0.9V, fOUT = 48MHz,
CL = 15pF, Ta = RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com