Electronic Components Datasheet Search
  English  ▼

X  

WF5028 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # WF5028
Description  0.8V operation Crystal Oscillator Module ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5028 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button WF5028 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 9Page - Nippon Precision Circuits Inc WF5028 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —6
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
Between VDD and VSS
−0.5 to +4.0
V
Input voltage range
VIN
Input pins
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
Output pins
−0.5 to VDD + 0.5
V
Storage temperature range
TSTG
Wafer form
−65 to +150
°C
Output current
IOUT
Q pin
± 20
mA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage
VDD
CL ≤ 15pF
0.8
–
2.0
V
Input voltage
VIN
Input pins
VSS
–VDD
V
Operating temperature
TOPR
−40
–
+85
°C
Oscillation frequency*1
*1. The oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillation frequency
range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation
characteristics of components must be carefully evaluated.
fO
5028
×1 to 5028×7
20–50
MHz
Output frequency
fOUT
5028
×1 to 5028×7, CL ≤ 15pF
0.75
–
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com