Electronic Components Datasheet Search
  English  ▼

X  

TC530 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC530
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC530 Datasheet(HTML) 3 Page - Microchip Technology

  TC530 Datasheet HTML 1Page - Microchip Technology TC530 Datasheet HTML 2Page - Microchip Technology TC530 Datasheet HTML 3Page - Microchip Technology TC530 Datasheet HTML 4Page - Microchip Technology TC530 Datasheet HTML 5Page - Microchip Technology TC530 Datasheet HTML 6Page - Microchip Technology TC530 Datasheet HTML 7Page - Microchip Technology TC530 Datasheet HTML 8Page - Microchip Technology TC530 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21433B-page 3
TC530/TC534
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ...................................................... +6V
Analog Input Voltage (VIN+or VIN-).............VDD to VSS
Logic Input Voltage......... (VDD + 0.3V) to (GND - 0.3V)
Ambient Operating Temperature Range:
PDIP Package (C)................. 0°C to +70°C
SOIC Package (C) ................ 0°C to +70°C
PQFP Package (C) ............... 0°C to +70°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC530/TC530A/TC534 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD =VCCD,CAZ =CREF =0.47µF, unless otherwise specified.
Symbol
Parameter
TA =+25°C
TA =0°C to +70°C
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
VDD
Analog Power Supply Voltage
4.5
5.0
5.5
4.5
—
5.5
V
VCCD
Digital Power Supply Voltage
4.5
5.0
5.5
4.5
—
5.5
V
PD
TC530/TC534 Total Power
Dissipation
——
25
—
—
—
m
Ω
VDD =VCCD =5V
IS
Supply Current (VS +PIN)—
1.8
2.5
—
—
3.0
mA
ICCD
Supply Current (VCCD PIN)—
—
1.5
—
—
1.7
mA
FOSC =1MHz
Analog
R
Resolution
—
—
±17
—
—
±17
Bits
Note 1
ZSE
Zero Scale Error with Auto
Zero Phase
—
—
0.5
—
0.005
0.012
% F.S.
ENL
End Point Linearity
—
0.015
0.030
—
0.015
0.045
% F.S.
Note 1 and
Note 2
NL
Max. Deviation from Best
Straight Line Fit
—
0.008
0.015
—
—
—
% F.S.
Note 1 and
Note 2
ZSTC
Zero Scale Temperature
Coefficient
——
—
—
1
2
µV/°C
SYE
Rollover Error
—
.012
—
—
.03
—
% F.S.
Note 3
FSTC
Full Scale Temperature
Coefficient
—
—
—
—
10
—
ppm/
°C
Ext. VREF
T.C. = 0ppm/°C
IIN
Input Current
—
6
—
—
—
—
pA
VIN =0V
VCMR
Common-Mode Voltage
Range
VSS +1.5
—
VDD -1.5
VSS +1.5
—
VDD -1.5
V
VINT
Integrator Output Swing
VSS +0.9
—
VDD -0.9
VSS +0.9
—
VDD -0.9
V
VIN
Analog Input Signal Range
VSS +1.5
—
VDD -1.5
VSS +1.5
—
VDD -1.5
V
VREF
Voltage Reference Range
VSS +1
—
VDD -1
VDD +1
—
VDD -1
V
TD
Zero Crossing
Comparator Delay
—2.0
—
—
3.0
—
µsec
Note
1:
Integrate time
≥ 66msec, Auto Zero time ≥ 66msec, VINT (pk) = 4V.
2:
End point linearity at ±1/4, ±1/2 ±3/4, F.S. after full scale adjustment.
3:
Rollover error is related to capacitor used for CINT. See Table 5-2, Recommended Capacitor for CINT.
4:
TC534 Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com