Electronic Components Datasheet Search
  English  ▼

X  

TC530 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC530
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC530 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC530 Datasheet HTML 6Page - Microchip Technology TC530 Datasheet HTML 7Page - Microchip Technology TC530 Datasheet HTML 8Page - Microchip Technology TC530 Datasheet HTML 9Page - Microchip Technology TC530 Datasheet HTML 10Page - Microchip Technology TC530 Datasheet HTML 11Page - Microchip Technology TC530 Datasheet HTML 12Page - Microchip Technology TC530 Datasheet HTML 13Page - Microchip Technology TC530 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC530/TC534
DS21433B-page 10
© 2002 Microchip Technology Inc.
3.4
Reference De-integrate Phase
(DINT)
This phase consists of measuring the time for the inte-
grator output to return (at a rate determined by the
external reference voltage) from its initial voltage to 0V.
The resulting timer data is stored in the output shift reg-
ister as converted analog data.
3.5
Integrator Output Zero Phase (IZ)
This phase ensures the integrator output is at zero volts
when the AZ phase is entered so that only true system
offset voltages will be compensated for.
All internal converter timing is derived from the fre-
quency source at OSCIN and OSCOUT. This frequency
source must be either an externally provided clock
signal or an external crystal. If an external clock is
used, it must be connected to the OSCIN pin and the
OSCOUT pin must remain floating. If a crystal is used, it
must be connected between OSCIN and OSCOUT and
be physically located as close to the OSCIN and
OSCOUT pins as possible. In either case, the incoming
clock frequency is divided by four, with the resulting
clock serving as the internal TC530/TC534 timebase.
4.0
TYPICAL APPLICATIONS
4.1
Programming the TC530/TC534
4.1.1
AZ AND INT PHASE DURATION
These two phases have equal duration determined by
the crystal (or external) frequency and the timer initial-
ization byte (LOAD VALUE). Timing is selected as
follows:
1.
Select Integration Time
Integrationtimemust bepickedasamultiple of the
period of the line frequency. For example, TINT
times of 33msec, 66msec and 132msec maximize
60Hz line rejection.
2.
Estimate Crystal Frequency
Crystal frequencies as high as 2MHz are allowed.
Crystal frequency is estimated using:
EQUATION 4-1:
3.
Calculate LOAD VALUE
EQUATION 4-2:
FIN can be adjusted to a standard value during this
step. The resulting base, -10 LOAD VALUE, must be
converted to a hexadecimal number and then loaded
into the serial port prior to initiating A/D conversion.
4.2
DINT and IZ Phase Timing
The duration of the DINT phase is a function of the
amount of voltage stored on the integrator capacitor
during INT and the value of VREF. The DINT phase is ini-
tiated immediately following INT and terminated when
an integrator output zero crossing is detected. In gen-
eral, the maximum number of counts chosen for DINT is
twice thatofINT (with VREF chosen at VIN(MAX)/2).
4.3
System RESET
The TC530/TC534 must be forced into the AZ state
when power is first applied. A .01
µF capacitor con-
nected from RESET to VDD (or external system reset
logic signal) can be used to momentarily drive RESET
high for a minimum of 100msec.
4.4
Design Example
Figure 4-1 shows a typical TC534 interrupt-driven
application. Timing and component values are calcu-
lated from equations and recommendations made in
Section 3.1 and Section 4.1 of this document. The
EOC connection to the processor INT input is for inter-
rupt-driven applications only. (In polled systems, the
EOC output is available on DOUT).
Given:
Required resolution:16-bits (65,536 counts.)
Maximum: VIN ±2V
Power supply voltage: +5V
60hz system
1.
Pick Integration time (TINT): 66msec
2.
Estimate crystal frequency.
EXAMPLE 4-1:
3.
Calculate LOAD VALUE
EXAMPLE 4-2:
2(R)/TINT
where:
R
= Desired Converter Resolution (in counts)
FIN = Input Frequency (in MHz)
INT = Integration Time (in seconds)
256 - (TINT)(FIN)
[LOAD VALUE]10 =
1024
FIN =2R/TINT = 2 x 65536/66 x 10
-3 =1.98MHz
(use 2MHz)
LOAD VALUE = 256 – (TINT)(FIN)/1024 = [128]10
[128]10 = 80 hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com