Electronic Components Datasheet Search
  English  ▼

X  

TC530 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC530
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC530 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC530 Datasheet HTML 5Page - Microchip Technology TC530 Datasheet HTML 6Page - Microchip Technology TC530 Datasheet HTML 7Page - Microchip Technology TC530 Datasheet HTML 8Page - Microchip Technology TC530 Datasheet HTML 9Page - Microchip Technology TC530 Datasheet HTML 10Page - Microchip Technology TC530 Datasheet HTML 11Page - Microchip Technology TC530 Datasheet HTML 12Page - Microchip Technology TC530 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21433B-page 9
TC530/TC534
FIGURE 3-2:
SERIAL PORT TIMING
FIGURE 3-3:
A/D CONVERTER TIMING
3.3
Input Integrate Phase (INT)
In this phase, a current directly proportional to differen-
tial input voltage is sourced into integrating capacitor
CINT. The amount of voltage stored on CINT at the end
of the INT phase is directly proportional to the applied
differential input voltage. Input signal polarity (sign bit)
is determined at the end of this phase. Converter
resolution and speed is a function of the duration of the
INT phase, which is programmable by the user via the
serial port (see Section 4.1.1, AZ and INT Phase Dura-
tion). The shorter the integration time, the faster the
speed of conversion (but the lower the resolution).
Conversely, the longer the integration time, the greater
the resolution (but at slower the speed of conversion).
TRD
TRS
TDRS
TPWL
R/W
Read Timing
Read Format
Write Format
Write Timing
Write Default Timing
EOC
DOUT
DCLK
R/W
EOC
DOUT
DCLK
EOC
SGN MSB
LSB
OVR
TLS
TDLS
TPWL
R/W
DIN
DCLK
TLDL
TLDS
DIN
R/W
DOUT
DCLK
MSB
LSB
For Polled vs Interrupt Operation and Write Value Modified Cycle Use TC520A Data Sheet (DS21431).
R/W
EOC
TDR
AZ
Updated Data
Ready
Updated Data
Ready
INT
DINT
IZ
AZ
Conversion
Phase
Data to Serial
Port Transmit
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com