Electronic Components Datasheet Search
  English  ▼

X  

TC530 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC530
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC530 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC530 Datasheet HTML 8Page - Microchip Technology TC530 Datasheet HTML 9Page - Microchip Technology TC530 Datasheet HTML 10Page - Microchip Technology TC530 Datasheet HTML 11Page - Microchip Technology TC530 Datasheet HTML 12Page - Microchip Technology TC530 Datasheet HTML 13Page - Microchip Technology TC530 Datasheet HTML 14Page - Microchip Technology TC530 Datasheet HTML 15Page - Microchip Technology TC530 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC530/TC534
DS21433B-page 12
© 2002 Microchip Technology Inc.
FIGURE 4-1:
TC530/TC534 TYPICAL APPLICATION
A0
A1
RESET
VCCD
VCCD
VDD
VDD
DOUT
DCLK
X1: 2MHz
R2
100k
R1
100k
100
Ω
1
µF
(1.03V)
DIN
R/W
ACOM
OSCIN
OSCOUT
VSS
DGND
CAZ
CAZ
0.22
µF
CIN
0.33
µF
RINT
100k
TC534
CINT
Analog
Inputs
Channel
Control
C1
.01
µF
10
µF
MUX
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
IN4+
IN4-
+5V
+5V
–5V
(Optional)
BUF
CREF
0.22
µF
1
µF
+5V
EOC
INT
Processor
I/O
I/O
I/O
I/O
.01
µF
.01
µF
1
µF
CAP-
CAP+
CREF-
CREF+
VREF-
VREF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com