Electronic Components Datasheet Search
  English  ▼

X  

TC530 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC530
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC530 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC530 Datasheet HTML 4Page - Microchip Technology TC530 Datasheet HTML 5Page - Microchip Technology TC530 Datasheet HTML 6Page - Microchip Technology TC530 Datasheet HTML 7Page - Microchip Technology TC530 Datasheet HTML 8Page - Microchip Technology TC530 Datasheet HTML 9Page - Microchip Technology TC530 Datasheet HTML 10Page - Microchip Technology TC530 Datasheet HTML 11Page - Microchip Technology TC530 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TC530/TC534
DS21433B-page 8
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
3.1
Dual Slope Integrating Converter
The TC530/TC534 dual slope converter operates by
integrating the input signal for a fixed time period, then
applying an opposite polarity reference voltage while
timing the period (counting clocks pulses) for the inte-
grator output to cross 0V (deintegrating). The resulting
count is read as conversion data.
A simple mathematical expression that describes dual
slope conversion is:
EQUATION 3-1:
EQUATION 3-2:
from which:
EQUATION 3-3:
And therefore:
EQUATION 3-4:
Inspection of Equation 3-4 shows dual slope converter
accuracy is unrelated to integrating resistor and capac-
itor values, as long as they are stable throughout the
measurement cycle. This measurement technique is
inherently ratiometric (i.e., the ratio between the TINT
and TDEINT times is equal to the ratio between VIN and
VREF).
Another inherent benefit is noise immunity. Input noise
spikes are integrated, or averaged to zero, during the
integration period. The integrating converter has a noise
immunity with an attenuation rate of at least -20dB per
decade. Interference signals with frequencies at integral
multiples of the integration period are, for the most part,
completely removed. For this reason, the integration
period of the converter is often established to reject 50/
60Hz line noise. The ability to reject such noise is shown
by the plotofFigure 3-1.
In addition to the two phases required for dual slope
measurement (Integrate and De-integrate), the TC530/
TC534
performs
two
additional
adjustments
to
minimize measurement error due to system offset volt-
ages. The resulting four internal operations (conver-
sion phases) performed each measurement cycle are:
Auto Zero (AZ), Integrator Output Zero (IZ), Input Inte-
grate (INT) and Reference De-integrate (DINT). The
AZ and IZ phases compensate for system offset errors
and the INT and DINT phases perform the actual A/D
conversion.
FIGURE 3-1:
INTEGRATING
CONVERTER NORMAL
MODE REJECTION
3.2
Auto Zero Phase (AZ)
This phase compensates for errors due to buffer, inte-
grator and comparator offset voltages. During this
phase, an internal feedback loop forces a compensat-
ing error voltage on auto zero capacitor (CAZ). The
duration of the AZ phase is programmable via the serial
port (see Section 4.1.1, AZ and INT Phase Duration).
Integrate Voltage = De-integrate Voltage
1
RINTCINT
TINT
0
VIN(T)DT =
∫
1
RINTCINT
TDEINT
0
∫
VREF
(VIN)
(RINT)(CINT)
[ (TINT) =(V
REF)
]
(RINT)(CINT)
[ (TDEINT) ]
VIN =VREF
[
]
TINT
TDEINT
where:
VREF = Reference Voltage
TINT =Integrate Time
TDEINT = Reference Voltage De-integrate Time
30
20
10
0
0.1/T
1/T
10/T
Input Frequency
T = Measurement
Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com