Electronic Components Datasheet Search
  English  ▼

X  

LM2744 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2744 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2744 Datasheet HTML 8Page - Texas Instruments LM2744 Datasheet HTML 9Page - Texas Instruments LM2744 Datasheet HTML 10Page - Texas Instruments LM2744 Datasheet HTML 11Page - Texas Instruments LM2744 Datasheet HTML 12Page - Texas Instruments LM2744 Datasheet HTML 13Page - Texas Instruments LM2744 Datasheet HTML 14Page - Texas Instruments LM2744 Datasheet HTML 15Page - Texas Instruments LM2744 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
RS1
SRSD = SROUT1
RS1 + RS2
Master Power
Supply
VOUT1
LM2744
RS1
RFB2
RFB1
FB
VOUT2
VFB
SD
RS2
5V
1.8V
1.8V
VOUT1
VOUT2
LM2744
SNVS292F – SEPTEMBER 2004 – REVISED MARCH 2013
www.ti.com
Figure 23. Tracking with Equal Slew Rates
SEQUENCING
The start up/soft-start of the LM2744 can be delayed for the purpose of sequencing by connecting a resistor
divider from the output of a master power supply to the SD pin, as shown in Figure 24.
Figure 24. Sequencing Circuit
A desired delay time tDELAY between the startup of the master supply output voltage and the LM2744 output
voltage can be set based on the SD pin low-to-high threshold VSD-IH and the slew rate of the voltage at the SD
pin, SRSD:
tDELAY = VSD-IH / SRSD
(6)
Note again, that in Figure 24, the LM2744’s output voltage has been represented symbolically as VOUT2, i.e.
without explicitly showing the power components.
VSD-IH is typically 1.08V and SRSD is the slew rate of the SD pin voltage. The values of the sequencing divider
resistors RS1 and RS2 set the SRSD based on the master supply output voltage slew rate, SROUT1, using the
following equation:
(7)
For example, if the master supply output voltage slew rate was 1V/ms and the desired delay time between the
startup of the master supply and LM2744 output voltage was 5ms, then the desired SD pin slew rate would be
(1.08V/5ms) = 0.216V/ms. Due to the internal impedance of the SD pin, the maximum recommended value for
RS2 is 1kΩ. To achieve the desired slew rate, RS2 would then be 274Ω. A timing diagram for this example is
shown in Figure 25.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com