Electronic Components Datasheet Search
  English  ▼

X  

LM2744 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2744 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2744 Datasheet HTML 15Page - Texas Instruments LM2744 Datasheet HTML 16Page - Texas Instruments LM2744 Datasheet HTML 17Page - Texas Instruments LM2744 Datasheet HTML 18Page - Texas Instruments LM2744 Datasheet HTML 19Page - Texas Instruments LM2744 Datasheet HTML 20Page - Texas Instruments LM2744 Datasheet HTML 21Page - Texas Instruments LM2744 Datasheet HTML 22Page - Texas Instruments LM2744 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LM2744
www.ti.com
SNVS292F – SEPTEMBER 2004 – REVISED MARCH 2013
MOSFETs
Selection of the power MOSFETs is governed by a tradeoff between cost, size, and efficiency. One method is to
determine the maximum cost that can be endured, and then select the most efficient device that fits that price.
Breaking down the losses in the high-side and low-side MOSFETs and then creating spreadsheets is one way to
determine relative efficiencies between different MOSFETs. Good correlation between the prediction and the
bench result is not ensured, however. Single-channel buck regulators that use a controller IC and discrete
MOSFETs tend to be most efficient for output currents of 2-10A.
Losses in the high-side MOSFET can be broken down into conduction loss, gate charging loss, and switching
loss. Conduction, or I2R loss, is approximately:
PC = D (IO
2 x R
DSON-HI x 1.3) (High-Side MOSFET)
(18)
PC = (1 - D) x (IO
2 x R
DSON-LO x 1.3) (Low-Side MOSFET)
(19)
In the above equations the factor 1.3 accounts for the increase in MOSFET RDSON due to heating. Alternatively,
the 1.3 can be ignored and the RDSON of the MOSFET estimated using the RDSON Vs. Temperature curves in the
MOSFET datasheets.
Gate charging loss results from the current driving the gate capacitance of the power MOSFETs, and is
approximated as:
PGC = n x (VDD) x QG x FSW
where
•
‘n’ is the number of MOSFETs (if multiple devices have been placed in parallel)
•
VDD is the driving voltage (see MOSFET Gate Drivers section)
•
QGS is the gate charge of the MOSFET
(20)
If different types of MOSFETs are used, the ‘n’ term can be ignored and their gate charges simply summed to
form a cumulative QG. Gate charge loss differs from conduction and switching losses in that the actual
dissipation occurs in the LM2744, and not in the MOSFET itself.
Switching loss occurs during the brief transition period as the high-side MOSFET turns on and off, during which
both current and voltage are present in the channel of the MOSFET. It can be approximated as:
PSW = 0.5 x VIN x IO x (tr + tf) x FSW
where
•
tR and tF are the rise and fall times of the MOSFET
(21)
Switching loss occurs in the high-side MOSFET only.
For this example, the maximum drain-to-source voltage applied to either MOSFET is 3.6V. The maximum drive
voltage at the gate of the high-side MOSFET is 3.1V, and the maximum drive voltage for the low-side MOSFET
is 3.3V. Due to the low drive voltages in this example, a MOSFET that turns on fully with 3.1V of gate drive is
needed. For designs of 5A and under, dual MOSFETs in SO-8 provide a good tradeoff between size, cost, and
efficiency.
Support Components
CIN2 - A small (0.1 to 1 µF) ceramic capacitor should be placed as close as possible to the drain of the high-side
MOSFET and source of the low-side MOSFET (dual MOSFETs make this easy). This capacitor should be X5R
type dielectric or better.
RCC, CCC- These are standard filter components designed to ensure smooth DC voltage for the chip supply. RCC
should be 1-10
Ω. CCC should be 1 µF, X5R type or better.
CBOOT- Bootstrap capacitor, typically 100nF.
RPULL-UP – This is a standard pull-up resistor for the open-drain power good signal (PWGD). The recommended
value is 10 k
Ω connected to VCC. If this feature is not necessary, the resistor can be omitted.
D1 - A small Schottky diode should be used for the bootstrap. It allows for a minimum drop for both high and low-
side drivers. The MBR0520 or BAT54 work well in most designs.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com