Electronic Components Datasheet Search
  English  ▼

X  

LM2744 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2744 Datasheet(HTML) 2 Page - Texas Instruments

  LM2744 Datasheet HTML 1Page - Texas Instruments LM2744 Datasheet HTML 2Page - Texas Instruments LM2744 Datasheet HTML 3Page - Texas Instruments LM2744 Datasheet HTML 4Page - Texas Instruments LM2744 Datasheet HTML 5Page - Texas Instruments LM2744 Datasheet HTML 6Page - Texas Instruments LM2744 Datasheet HTML 7Page - Texas Instruments LM2744 Datasheet HTML 8Page - Texas Instruments LM2744 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS/TRACK
SGND
EAO
VREF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LM2744
SNVS292F – SEPTEMBER 2004 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
14-Lead TSSOP
θJA = 155°C/W
See PW Package
PIN DESCRIPTIONS
Bootstrap pin. This is the supply rail for the high-side gate driver. When the high-side MOSFET turns on, the
BOOT (Pin 1) -
voltage on this pin should be at least one gate threshold above the regulator input voltage VIN to properly turn on
the MOSFET. See MOSFET Gate Drivers in the Application Information section for more details on how to select
MOSFETs.
Low-gate drive pin. This is the gate drive for the low-side N-channel MOSFET. This signal is interlocked with the
LG (Pin 2) -
high-side gate drive HG (Pin 14), so as to avoid shoot-through.
Power ground. This is also the ground for the low-side MOSFET driver. This pin must be connected on the PCB
PGND (Pin 3) -
ground plane, which is usually also the system ground.
Signal ground. It should be connected appropriately to the ground plane with due regard to good layout practices in
SGND (Pin 4) -
switching power regulator circuits.
Supply rail for the control sections of the IC.
VCC (Pin 5)
Power Good pin. This is an open drain output, which is typically meant to be connected to VCC or any other low
PWGD (Pin 6) -
voltage source through a pull-up resistor. The voltage on this pin is thus pulled low under output fault conditions
(undervoltage or overvoltage) and also under UVLO.
Current limit threshold setting pin. This sources a fixed 40 µA current. A resistor of appropriate value should be
ISEN (Pin 7) -
connected between this pin and the drain of the low-side MOSFET (switch node).
Output of the error amplifier. The voltage level on this pin is compared with an internally generated ramp signal to
EAO (Pin 8) - .
determine the duty cycle. This pin is necessary for compensating the control loop
Soft-start and tracking pin. This pin is internally connected to the non-inverting input of the error amplifier during
SS/TRACK (Pin 9) -
soft-start, and in fact any time the SS/TRACK pin voltage happens to be below the internal reference voltage. For
the basic soft-start function, a capacitor of minimum value 1nF is connected from this pin to ground. To track the
rising ramp of another power supply’s output, connect a resistor divider from the output of that supply to this pin as
described in Application Information
Feedback pin. This is the inverting input of the error amplifier, which is used for sensing the output voltage and
FB (Pin 10) -
compensating the control loop.
Frequency adjust pin. The switching frequency is set by connecting a resistor of suitable value between this pin and
FREQ (Pin 11) -
ground. The equation for calculating the exact value is provided in Application Information, but some typical values
(rounded up to the nearest standard values) are 324 k
Ω for 100 kHz, 97.6 kΩ for 300 kHz, 56.2 kΩ for 500 kHz,
24.9 k
Ω for 1 MHz.
IC shutdown pin. Pull this pin to VCC to ensure the IC is enabled. Connect to ground to disable the IC. Under
SD (Pin 12) -
shutdown, both high-side and low-side drives are off. This pin also features a precision threshold for power supply
sequencing purposes, as well as a low threshold to ensure minimal quiescent current.
External reference. This goes to the non-inverting input of the error amplifier. Any desired reference voltage
VREF (Pin 13) -
between 0.5V to 1.5V can be connected to this pin (with appropriate filtering if necessary).
High-gate drive pin. This is the gate drive for the high-side N-channel MOSFET. This signal is interlocked with LG
HG (Pin 14) -
(Pin 2) to avoid shoot-through.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com