Electronic Components Datasheet Search
  English  ▼

X  

LM2744 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2744 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2744 Datasheet HTML 9Page - Texas Instruments LM2744 Datasheet HTML 10Page - Texas Instruments LM2744 Datasheet HTML 11Page - Texas Instruments LM2744 Datasheet HTML 12Page - Texas Instruments LM2744 Datasheet HTML 13Page - Texas Instruments LM2744 Datasheet HTML 14Page - Texas Instruments LM2744 Datasheet HTML 15Page - Texas Instruments LM2744 Datasheet HTML 16Page - Texas Instruments LM2744 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
8 PA
17 PA
Bias Enable
Soft-Start Enable
1.25V
10k
SD
+
-
t = 5 ms
VOUT1
VOUT2
5V
1.8V
VSD-IH
1.08V
LM2744
www.ti.com
SNVS292F – SEPTEMBER 2004 – REVISED MARCH 2013
Figure 25. Delay for Sequencing
SD PIN IMPEDANCE
When connecting a resistor divider to the SD pin of the LM2744 some care has to be taken. Once the SD voltage
goes above VSD-IH, a 17 µA pull-up current is activated as shown in Figure 26. This current is used to create the
internal hysteresis (
≊170mV); however, high external impedances will affect the SD pin logic thresholds as well.
The external impedance used for the sequencing divider network should preferably be a small fraction of the
impedance of the SD pin for good performance (around 1k
Ω).
Figure 26. SD Pin Logic
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com