Electronic Components Datasheet Search
  English  ▼

X  

TLE8209-2 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE8209-2
Description  SPI Programmable H-Bridge
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8209-2 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE8209-2 Datasheet HTML 26Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 27Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 28Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 29Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 30Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 31Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 32Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 33Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
TLE8209-2
SPI Interface
Data Sheet
30
Rev. 1.4, 2014-10-28
9.2.4
Diagnostics Register
ID_REG
Device Identifier
76
54
32
10
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Field
Bits
Type
Description
ID7:0
7:0
r
Device-ID
TLE8209-2: DE hex
REV_REG
Device Revision
76
54
32
10
SWR3
SWR2
SWR1
SWR0
MSR3
MSR2
MSR1
MSR0
Field
Bits
Type
Description
SWR3:0
7:4
r
Revision corresponding to software release
MSR3:0
3:0
r
Revision corresponding to mask set
DIA_REG
Diagnostics Register
Reset Value: x111 1111B
76
54
32
10
ABE/DIS
OT
CurrRed
CurrLim
DIA21
DIA20
DIA11
DIA10
Field
Bits
Type
Description
ABE/DIS
7
r
Is set to “0” in case of ABE = L or DIS = H
OT
6
r
Is set to “0” in case of over temperature
CurrRed
5
r
Is set to “0” in case of temperature dependent current limitation
CurrLim
4
r
Is set to “0” in case of current limitation
DIA21
3
r
Diagnosis-Bit2 of OUT2
DIA20
2
r
Diagnosis-Bit1 of OUT2
DIA11
1
r
Diagnosis-Bit2 of OUT1
DIA10
0
r
Diagnosis-Bit1 of OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com