Electronic Components Datasheet Search
  English  ▼

X  

TLE8209-2 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE8209-2
Description  SPI Programmable H-Bridge
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8209-2 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE8209-2 Datasheet HTML 19Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 20Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 21Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 22Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 23Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 24Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 25Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 26Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Data Sheet
23
Rev. 1.4, 2014-10-28
TLE8209-2
Protection and Monitoring
8.10
Electrical Characteristics
Electrical Characteristics: Protection and Monitoring
V
S = 5 V to 28 V; VDD = 5.0 V, Tj = -40 ⋅C to 150 ⋅C, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Test Conditions
Min.
Typ.
Max.
Chopper Current Limitation
8.10.1
Current Limit, Level 1
|
I
L1|
1.0
1.5
2.0
A
-40
°C < T
j < TILR
Dependent on SPI
setting; Default = IL3
8.10.2
Current Limit, Level 2
|
I
L2|
3.3
4.0
4.7
A
8.10.3
Current Limit, Level 3
|
I
L3|
5.5
6.6
7.7
A
8.10.4
Current Limit, Level 4
TLE8209-2SA 1)
|
I
L4|
7.7
8.6
10.0
A
Current Limit, Level 4
TLE8209-2E 1)
|
I
L4|
–
n.a.
–
A
8.10.5
Current Limit Hysteresis
I
hys
00.25
0.40
A
-40
°C < T
j < TILR
8.10.6
Blanking time
t
b
811
15
μs–
8.10.7
Time between transients
t
trans
90
–
130
μs–
Temperature Dependent Current Limitation2)
8.10.8
Current Limit at TSD
IL_TSD
1.4
2.5
3.6
A
–
8.10.9
Start of current limit
reduction
T
ILR
150
165
–
°C–
8.10.10 Thermal shut-down
T
SD
175
–
–
°C–
8.10.11 Range of temperature
dependent current
reduction
T
SD - TILR
20
25
30
°C–
Short Circuit Detection to GND
8.10.12 Short circuit detection
current (HS), Level 1
|
I
OUKH1|
2.5
5.0
6.5
A
-40
°C < T
j < TILR
Dependent on SPI-
setting for |
I
L|; Default =
I
OUKH3
8.10.13 Short circuit detection
current (HS), Level 2
|
I
OUKH2|5.0
7.3
10
A
8.10.14 Short circuit detection
current (HS), Level 3
|
I
OUKH3|
7.5
9.5
11.5
A
8.10.15 Short circuit detection
current (HS), Level 4
TLE8209-2SA 1)
|
I
OUKH4|
9.5
11.8
17.4
A
Short circuit detection
current (HS), Level 4
TLE8209-2E 1)
|
I
OUKH4|
–
n.a.
–
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com