Electronic Components Datasheet Search
  English  ▼

X  

TLE8209-2 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE8209-2
Description  SPI Programmable H-Bridge
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8209-2 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE8209-2 Datasheet HTML 15Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 16Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 17Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 18Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 19Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 20Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 21Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 22Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Data Sheet
19
Rev. 1.4, 2014-10-28
TLE8209-2
Protection and Monitoring
8
Protection and Monitoring
Both output stages of the TLE8209-2 are equipped with fault diagnostic functions:
•
Short to battery voltage (SCB). Can be detected when low side-switches are turned on
•
Short to ground (SCG). Can be detected when high side-switches are turned on
•
Open load (OL). Can be detected in inactive mode
•
Over-temperature (OT). Can be detected in active and inactive mode
•
VDD over- and under voltage (Chapter 5.2)
•
Battery under voltage detection. Can be detected in active and inactive mode
Individual detection for each output in single switch operation mode (SCB, SCG, OL) is possible. The
corresponding diagnostics bits for each failure will be set in the SPI according to Table 8 “Failure Encoding” on
Page 31.
8.1
Diagnosis in Status Flag Mode
Instead of using the SPI interface for control and diagnosis of the TLE8209-2, the device can also be set into status
flag mode by connecting pin VDDIO to GND as described in Chapter 5.3.
In status flag mode the pin SF will be pulled low in the following cases:
•
undervoltage at VS
•
bridge disabled by ABE or DIS
•
bridge disabled by VDD monitoring
•
bridge disabled by short circuit detection
•
overtemperature shut down
SF will not be pulled low if VDD is below the power on reset threshold (VDD_POR).
8.2
Current Limitation
To limit the output current at low power loss, a chopper current limitation is integrated. Current measurement for
current limitation is done in the high side path. This requires high side freewheeling in case of active current
limitation.
Figure 10
Chopper Current Limitation
Figure 10 shows the behavior of the current limitation for over current detection in HS1. It applies accordingly also
for HS2:
When the current in high-side switch of OUT1 (HS1) exceeds the limit IL longer than the blanking time tb, OUT2 is
switched to high (e.g. LS2->OFF, HS2->ON), independent of the input signal at IN2. This leads to a slow-decay
current decrease in the load and in HS1. As soon as the current falls below IL-Ihys, OUT2 is switched back to normal
time
IL
ttrans
LS2
HS2
tb
Ihys
HS1
LS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com