Electronic Components Datasheet Search
  English  ▼

X  

AXP202 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 15/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
Power Off
When you push-and-hold PEK longer than IRQLEVEL, HOST can write “1” into“REG32H [7]” to inform
AXP202 to shutdown, which can disable all power output except LDO1.
System power-off is initiated whenever the following conditions occur:
1. input voltage is too low( Low-Power Protection)
2. Power output voltage is too low due to overload( Overload Protection)
3. Input voltage is too high( Overvoltage Protection)( See more details in chapter “ Intelligent Power
Select”
4. Have waited more than 2S(default) when N_OE changes from hight to low
5. Push PEK longer more than OFFLEVEL( Default 6S), and system will cut off all power output
except LDO1( there is no need for an extra RESET key)
Remarks: With the automatic protection mechanism, AXP202 can protect whole system by preventing
Components from irriversable damage due to system abnormality.
Sleep and wakeup
When the running system needs to enter Sleep mode, REG31H [3] will determine whether one or
several power rails should be disabled or change to other voltage. Wakeup can be triggled by either
PEK signal, or the rising/falling edge of GPIO0、GPIO1、GPIO2、GPIO3 (To be the rising or falling edge,
or both can be programmed by REG90H[7:6]、REG92H[7:6]、REG93H[7:6] and REG95H[7:6]), with all
power rails resume to default voltage in default power on timing sequence.
NOTE: PEK IRQ(REG42H[1])、GPIO0 INPUT Edge IRQ(REG44H[0])、GPIO1 INPUT Edge IRQ
(
REG44H[1])、GPIO2 INPUT Edge IRQ(REG44H[2])、GPIO3 INPUT Edge IR(REG44H[3])should
be “Enable” to notify the processor to exit Sleep Mode via IRQ PIN.
See control process under sleep and wakeup modes as below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com