Electronic Components Datasheet Search
  English  ▼

X  

AXP202 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 26/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
Bat charge current
0mA
0.5mA
4.095A
ACIN volatge
0mV
1.7mV
6.9615V
ACIN current
0mA
0.625mA
2.5594A
VBUS voltage
0mV
1.7mV
6.9615V
VBUS current
0mA
0.375mA
1.5356A
Internal temperature
-144.7℃
0.1℃
264.8℃
APS voltage
0mV
1.4mV
5.733V
TS pin input
0mV
0.8mV
3.276V
GPIO0
0/0.7V
0.5mV
2.0475/2.7475V
GPIO1
0/0.7V
0.5mV
2.0475/2.7475V
9.8 Multi-Function Pin Description
GPIO[3:0]
Can be defined as GPIO[3:0], ADC Input(monitoring external signals), or LDO, etc. Please refer to
REG90H-96H Instruction for details
CHGLED
Features charge state indication, over-temperature/over-voltage warning, and GPO. Please refer to
REG32H Instruction section for details.
9.9 Timer
AXP202 features a 7-bit internal timer, whose values can be programmed via register
REG8AH[6:0]. The minimum time step of timer is one minute, and the timing range is 1~127 minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com