Electronic Components Datasheet Search
  English  ▼

X  

AXP202 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 32/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
B8
Coulomb counter control register
R/W
00H
B9
FuelGuage result register
R/W
00H
Coulomb calculation formula:
C= 65536 * current LSB *(charge coulomb counter value - discharge coulomb counter value) /
3600 / ADC sample rate. Refer to REG84H setting for ADC sample rate;the current LSB is
0.5mA;unit of the calculation result is mAh. )
REG 00H: Power Input Status
Bit
Descripiton
R/W
7
ACIN presence indication
0:ACIN not exist;1:ACIN exists
R
6
Indicating whether ACIN is usable
R
5
VBUS presence indication
0:VBUS not exist;1:VBUS exists
R
4
Indicating whether VBUS is usable
R
3
Indicating whether the VBUS voltage is above VHOLD before used.
R
2
Indicating the battery current direction
0: the battery is discharging;1: the battery is charging
R
1
Indicating whether ACIN and VBUS input short circuit on PCB
R
0
Indicating whether the boot source is ACIN or VBUS
0: Boot source isn’t ACIN/VBUS; 1: Boot source is ACIN/VBUS.
R
REG 01H: Power Working Mode and Charge Status Indication
Bit
Descripiton
R/W
7
Indicating whether AXP202 is over-temperature
0: not over-temperature; 1: over-temperature
R
6
Charge indication
0:not charge or charge finished; 1: in charging
R
5
Battery existence indication
0:no battery connected to AXP202; 1:battery already connected to AXP202
R
4
Reserved and unchangeable
R
3
Indicating whether the battery enters the activate mode
0: not enter the activate mode; 1: already entered the activate mode
R
2
Indicating whether the charging current is lower than the expected current
0:actual charging current is the same as expected current;1: actual charging current
is lower than expected current
R
1-0
Reserved and unchangeable
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com