Electronic Components Datasheet Search
  English  ▼

X  

AXP202 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 17/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
o
If Li-battery is available, it will “Seamlessly”switch to Li-battery once external power is removed
o
When both VBUS and ACIN are available, ACIN will be applied to supply power in priority, and
Li-battery will be charged.
o
If ACIN drive capability is not enough, VBUS will be enabled to achieve ACIN/VBUS common
power supply.
o
If the drive capacity is still insufficient, charge current will be reduced to zero, and battery is
used for power supply.
Therefore, compatibility of the system with external powers of different drive ability can be
dramatically improved, and no special customized adapters are required to be provided on the part
of manufacturers.
Please refer to the following diagram.
As shown above, when ACIN provides insufficient load ability, IPSOUT voltage will fall, and BAT
will change from charge to discharge to supply load current together with ACIN.
Host can set IPS parameters and read the feedback by visiting internal registers in AXP202 via
TWSI.
Voltage-Limit/ Current-Limit Mode and Direct Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com