Electronic Components Datasheet Search
  English  ▼

X  

AXP202 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP202 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AXP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 24/48
www.x-powers.com
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP202
when the output voltage is set above 2.5V,2.2uH inductors is recommended; when the output voltage
is set under 2.5V,4.7uH inductors is recommended. Besides, the inductor saturation current should be
larger than 50% of the largest demanded current in power circuitry.
Inductor Recommendation List:
Inductors
Module NO.
Current Spec
DC Internal Resistance
Murata LQH55PN2R2NR0
2100mA@2.2uH
30mOhm
Murata LQH55PN4R7NR0
1400mA@4.7uH
60mOhm
Murata LQH44PN2R2MP0
2000mA@2.2uH
49mOhm
Murata LQH44PN4R7MP0
1700mA@2.2uH
80mOhm
TDK VLF5010ST-2R2M2R3
2700mA@2.2uH
41mOhm
TDK VLF5014ST-4R7M1R7
1700mA@4.7uH
98mOhm
TDK
SLF6045T-4R7N2R4-3PF
2400mA@4.7uH
27mOhm
Capacitors
Module NO.
Temperature spec
Allowance
TDK C2012X5R0J475K
X5R/X7R
10%@4.7uF
TDK C2012X5R0J106K
X5R/X7R
10%@10uF
Murata GRM31E71A475K
X7R
10%@4.7uF
Murata GRM21E71A106K
X7R
10%@10uF
Murata GRM31E71A106K
X7R
10%@10uF
LDO 1
LDO1 is always on and can be used to supply continuous power for application RTC with 30mA drive
ability 30mA.
LDO2/3/4
LDO2/4 output noise is as low as 18uVrms,and can be used to supply power for analog circuits of
application system. LDO3 can supply power for systems like SRAM or PLL with 200mA drive ability.
LDO5
LDO5 also features the low noise design, and its drive ability is 50mA。
Soft Start
All DC-DCs and LDOs support soft start which can avoid the impact of dramatic current change on
the input path in system boot stage.
Self-Diagnosis: Load Monitoring and Current-Limit Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com