Electronic Components Datasheet Search
  English  ▼

X  

ML6411 Datasheet(PDF) 23 Page - Micro Linear Corporation

Part # ML6411
Description  Programmable Video Digitizer with Selectable Gain and Clamps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6411 Datasheet(HTML) 23 Page - Micro Linear Corporation

Back Button ML6411 Datasheet HTML 16Page - Micro Linear Corporation ML6411 Datasheet HTML 17Page - Micro Linear Corporation ML6411 Datasheet HTML 18Page - Micro Linear Corporation ML6411 Datasheet HTML 19Page - Micro Linear Corporation ML6411 Datasheet HTML 20Page - Micro Linear Corporation ML6411 Datasheet HTML 21Page - Micro Linear Corporation ML6411 Datasheet HTML 22Page - Micro Linear Corporation ML6411 Datasheet HTML 23Page - Micro Linear Corporation ML6411 Datasheet HTML 24Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ML6411
23
PHYSICAL DIMENSIONS inches (millimeters)
0.048 MAX
(1.20 MAX)
SEATING PLANE
0.630 BSC
(16.00 BSC)
0.551 BSC
(14.00 BSC)
1
0.551 BSC
(14.00 BSC)
0.630 BSC
(16.00 BSC)
12
34
23
0.039 BSC
(1.00 BSC)
PIN 1 ID
0.014 - 0.020
(0.36 - 0.51)
0.037 - 0.041
(0.95 - 1.05)
0.018 - 0.030
(0.45 - 0.75)
0.003 - 0.008
(0.09 - 0.20)
0º - 7º
Package: H44-14
44-Pin (14 x 14 x 1mm) TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com