Electronic Components Datasheet Search
  English  ▼

X  

ML6411 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6411
Description  Programmable Video Digitizer with Selectable Gain and Clamps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6411 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6411 Datasheet HTML 1Page - Micro Linear Corporation ML6411 Datasheet HTML 2Page - Micro Linear Corporation ML6411 Datasheet HTML 3Page - Micro Linear Corporation ML6411 Datasheet HTML 4Page - Micro Linear Corporation ML6411 Datasheet HTML 5Page - Micro Linear Corporation ML6411 Datasheet HTML 6Page - Micro Linear Corporation ML6411 Datasheet HTML 7Page - Micro Linear Corporation ML6411 Datasheet HTML 8Page - Micro Linear Corporation ML6411 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ML6411
5
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS
FCLK
Clock input max frequency
30
MHz
Tcph
Clock input min high time
See Figure 2
15
ns
Tcpl
Clock input min low time
See Figure 2
15
ns
Clamp Gate Width
VIN magnitude 2V max
1.5
µs
Clamp Gate Width
VIN magnitude > 2V
3.5
µs
ANALOG SIGNAL PROCESSING
Y/C Gain Match
CGAIN1 = CGAIN2 = 0
1.01
V/V
Chroma Crosstalk
YIN = 5MHz and CIN = at DC;
–60
dB
or YIN = at DC and CIN = 5MHz
Differential Gain
VIN = NTSC 40 IRE modulated ramp
2
%
FCLK = 27 MHz
Differential Phase
VIN = NTSC 40 IRE modulated ramp
1
degree
FCLK = 27 MHz
Signal to Noise Ratio
VIN = 2V, 10MHz sinewave,
48
dB
FCLK = 20MHz
VIN = 2V, 10MHz sinewave,
45
dB
FCLK = 30MHz
Distortion
VIN = 2V, 10MHz, FCLK = 20MHz
0.3
%
SFDR
VIN = 2V, 10MHz, FCLK = 20MHz
54
dB
TRANSFER FUNCTION
DC integral linearity
@ 27MHz
±0.8
LSB
DC differential linearity
@ 27MHz
±0.5
LSB
GAIN CONTROL
GRES
Gain accuracy of UGC for a given gain level
Input = 1VP-P or 2VP-P (See Note 2)
-30mV
30mV
%
Absolute gain error
5%
Gain accuracy for standard preset gain,
1
%
GPRESET
OUTPUT TIMING
tds
Sampling delay
See Figure 2
8
ns
tho
Output hold time
See Figure 2
10
ns
tdo
Output delay time
See Figure 2
12
ns
toe
Output enable time
See Figure 2
5
ns
tod
Output disable time
See Figure 2
5
ns
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Volt Peak-to-Peak = VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com