Electronic Components Datasheet Search
  English  ▼

X  

ML6411 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6411
Description  Programmable Video Digitizer with Selectable Gain and Clamps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6411 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6411 Datasheet HTML 1Page - Micro Linear Corporation ML6411 Datasheet HTML 2Page - Micro Linear Corporation ML6411 Datasheet HTML 3Page - Micro Linear Corporation ML6411 Datasheet HTML 4Page - Micro Linear Corporation ML6411 Datasheet HTML 5Page - Micro Linear Corporation ML6411 Datasheet HTML 6Page - Micro Linear Corporation ML6411 Datasheet HTML 7Page - Micro Linear Corporation ML6411 Datasheet HTML 8Page - Micro Linear Corporation ML6411 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ML6411
4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, AVCC, DVCC, VCCO = 4.5V to 5.5V, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER CONSUMPTION
Pdiss
Max power dissipation
Cload = 0pF
425
600
mW
SUPPLY
AVCC
Analog supply voltage
4.5
5.5
V
DVCC
Digital supply voltage
4.5
5.5
V
VCCO
Output supply voltage
4.5
5.5
V
IDD
Digital supply current
FCLK = 30MHz
17
30
mA
IO
Output supply current
FCLK=30MHz, VIN=NTSC,
7
mA
40IRE modulated rate, Cload=0pF
Ishut
Shutdown current
5mA
INPUT SIGNALS (CLK, CLAMP GATE, OEA,
OEB)
VIL
Input Low Voltage
0
0.8
V
VIH
Input High Voltage
2.4
DVCC
V
IIL
High level Input Current
DVCC - 0.1V
-5
5
µA
CIN1
Input Capacitance
3pF
INPUT SIGNALS (Y / CV1, C / CV2)
VIN
Input Voltage
Peak-to-peak for 2V
1.0
2.0
3.0
V
Peak-to-peak for 1V
0.5
1.0
1.5
V
CIN2Input Capacitance
3pF
Icharge
Clamp Charge Current
Clamp Gate = High,
700
µA
Digital Output < Clamp level
Idisch
Clamp Discharge Current
Clamp Gate = High,
–700
µA
Digital Output > Clamp level
A TO D CONVERTER OUTPUTS (AOUT<7:0>, BOUT<7:0>)
Low level output voltage
Io = 2mA
0
0.6
V
High level output voltage
2.4
VCCO
Leakage current
Tri-state mode
-20
20
µA
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
DC Supply Voltage (AVCC, DVCC, VCCO) .... -0.3V to 7V
Analog & Digital Inputs/Outputs ........ -0.3 to AVCC+0.3V
Input Current Per Pin .............................. -25mA to 25mA
Storage Temperature Range...................... –65°C to 150°C
Junction Temperature ............................................. 125°C
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 70°C
Supply Range (AVCC, DVCC, VCCO) ........... 4.5V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com