Electronic Components Datasheet Search
  English  ▼

X  

ML6411 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6411
Description  Programmable Video Digitizer with Selectable Gain and Clamps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6411 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6411 Datasheet HTML 1Page - Micro Linear Corporation ML6411 Datasheet HTML 2Page - Micro Linear Corporation ML6411 Datasheet HTML 3Page - Micro Linear Corporation ML6411 Datasheet HTML 4Page - Micro Linear Corporation ML6411 Datasheet HTML 5Page - Micro Linear Corporation ML6411 Datasheet HTML 6Page - Micro Linear Corporation ML6411 Datasheet HTML 7Page - Micro Linear Corporation ML6411 Datasheet HTML 8Page - Micro Linear Corporation ML6411 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
GENERAL DESCRIPTION
The ML6411 is a Dual Video A/D converter, incorporating
two input sample and holds, two high speed 8-Bit A/D
converters, programmable gain control, selectable clamps,
multi-phase clocking, and reference voltage generation.
The ML6411 can be used to convert the following analog
signals to digital signals: two composite channels or S-
video channel.
All inputs are provided with appropriate input selectable
clamps to establish DC level. The clamps are full DC
restore circuits with the A-to-D converters in each
respective correction loop. The clamps are selectable to
16, 24, 64, and 128. The programmable gain control
provides various possibilities to select and adjust the gain
via two separate mechanisms: Sync-Suppressed Gain
Control (SGC) for sync suppressed video such as RGB, and
User Gain Control (UGC) for video formats that require
scalable gain settings. Each of these can be programmed
through a serial bus.
FEATURES
s
Complete video digitizer for Y/C and CV video
s
Contains A/D’s with scalable gain, selectable clamps,
and clock generation (programmable via serial bus)
s
Two 8-Bit +/- ½ LSB Differential Non-Linearity with
30MHz guaranteed conversion
s
Two Gain Control Mechanisms for programmable
or sync-suppressed video gain control
s
Selectable Video Clamping: 16, 24, 64, 128
s
Selectable Video Gain: 3dB to –6dB
s
Operating total power dissipation less than 425mW
s
Power down mode and Tri-state output control
s
Applications: Video Capture, Video Editing, Video
Cameras, Y/C and CV analog to digital conversion
s
44-pin TQFP
REF1
AVCC1
44
35
AVCC2
38
AVCC3
41
DVCC
17
VCCO
15
2
33
CLAMP
GATE
DGND
DVCC
32
RESET
18
OEA
23
OEB
11
VINN
39
PD
1
SCLK
19
SDAT
20
REFIN
21
REFOUT
22
12
37
VCC
AGNDI
AGND2
40
AGND3
43
GNDO
13
DGND
16
NC
34
Y/CV1
CLPA<1:0>
CLPB<1:0>
36
AOUT<7:0>
BOUT<7:0>
3:10
C/CV2
42
CLK
14
Y OR CV1
CHANNEL A
C OR CV2
CHANNEL B
TIMING
GENERATOR
CLAMP
LEVEL
SELECT
SERIAL BUS
UGC
USER GAIN
CONTROL
SGC
SYNC SUPPRESS
GAIN CONTROL
GAIN PRESET
ADC
LATCH
Y/CV1
24:31
LATCH
C/CV2
ADC
UGC
USER GAIN
CONTROL
SGC
SYNC SUPPRESS
GAIN CONTROL
GAIN PRESET
S/H
CHANNEL A
S/H
CHANNEL B
September 1999
PRELIMINARY
ML6411
Programmable Video Digitizer
with Selectable Gain and Clamps
BLOCK DIAGRAM


Similar Part No. - ML6411

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
ML64116R MITSUBISHI-ML64116R Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML6411A MITSUBISHI-ML6411A Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
ML6411C MITSUBISHI-ML6411C Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results

Similar Description - ML6411

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
Genlocking Video Digitizer
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
logo
New Japan Radio
NJM2560 NJRC-NJM2560 Datasheet
84Kb / 4P
SELECTABLE GAIN TYPE LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
Triple Video Digitizer with Digital PLL
August 20, 2007
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
Genlocking Video Digitizer
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com