Electronic Components Datasheet Search
  English  ▼

X  

ML6680 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6680
Description  Token Ring Copper-to-Fiber Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6680 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6680 Datasheet HTML 1Page - Micro Linear Corporation ML6680 Datasheet HTML 2Page - Micro Linear Corporation ML6680 Datasheet HTML 3Page - Micro Linear Corporation ML6680 Datasheet HTML 4Page - Micro Linear Corporation ML6680 Datasheet HTML 5Page - Micro Linear Corporation ML6680 Datasheet HTML 6Page - Micro Linear Corporation ML6680 Datasheet HTML 7Page - Micro Linear Corporation ML6680 Datasheet HTML 8Page - Micro Linear Corporation ML6680 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ML6680
4
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Power Supply Voltage Range, VCC .................... –0.3 to 6V
Input Voltage Range ........................................ –0.3 to VCC
Output Current
TPOUTP, TPOUTN .............................................. 50mA
OPOUT ............................................................... 70mA
PHTM1, PHTM2 .................................................. 10mA
Input Current
RTSETTP, RTSETOP, TPINOK,
OPINOK, INSERTED ........................................... 20mA
Storage Temperature ................................. –65
°C to 150°C
Lead Temperature (soldering, 10 sec.) ....................... 260
°
Thermal Resistance .............................................. 68
°C/W
OPERATING CONDITIONS
Power Supply Voltage, VCC ................................. 5V ± 5%
All VCC supply pins must be within 0.1V of each other.
All GND pins must be within 0.1V of each other.
Ambient Temperature,TA ................................ 0°C to 70°C
Junction Temperature, TJ .......................................0°C to 125°C
LED on Current ......................................................... 4mA
RTSETOP ......................................................... 115
Ω ± 1%
RTSETTP ......................................................... 255
Ω ± 1%
ELECTRICAL CHARACTERISTICS
Over full range of operating conditions unless otherwise specified (Note 1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY CURRENT
ICC1
VCC Supply Current
No transmitting, phantom power off
30
36
50
mA
ICC2
VCC Supply Current
RTSETTP = 255, RTSETOP = 115,
transmitting, phantom power on
(Note 2)
120
160
mA
CMOS INPUTS PHTM1, PHTM2 (when KEYGEN = High or TPINOK is grounded) AND KEYGEN
VILC
Input Low Voltage
0.1 x VCC
V
VIHC
Input High Voltage
0.9 x VCC
V
TTL INPUT: XTAL1
VILT
Input Low Voltage
0.8
V
VIHT
Input High Voltage
2
V
IILT
Input Low Current
V(XTAL1) = 0V
–100
µA
IIHT
Input High Current
V(XTAL1) = 2.7V
100
µA
RIX1
Input Resistance
400
560
k
Ω
CONTROL INPUTS: INSERTED, TPINOK
VILS
Input Low Voltage
0.1
V
IILS
Input Low Current
VIN = 0V
–50
µA
STATUS LED OUTPUTS: INSERTED, TPINOK, OPINOK
IOLS
Output Low Current
Pin connected to VCC
14
19
24
mA
IOHS
Output Off Current
3
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com