Electronic Components Datasheet Search
  English  ▼

X  

ML6680 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6680
Description  Token Ring Copper-to-Fiber Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6680 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6680 Datasheet HTML 1Page - Micro Linear Corporation ML6680 Datasheet HTML 2Page - Micro Linear Corporation ML6680 Datasheet HTML 3Page - Micro Linear Corporation ML6680 Datasheet HTML 4Page - Micro Linear Corporation ML6680 Datasheet HTML 5Page - Micro Linear Corporation ML6680 Datasheet HTML 6Page - Micro Linear Corporation ML6680 Datasheet HTML 7Page - Micro Linear Corporation ML6680 Datasheet HTML 8Page - Micro Linear Corporation ML6680 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
January 1997
ML6680
Token Ring Copper-to-Fiber Converter
GENERAL DESCRIPTION
The ML6680 is a single-chip conversion between Token
Ring ISO/IEC8802-5 copper-based media and Token Ring
ISO/IEC8802-5 fiber-based media. The ML6680 fiber-optic
interface contains a data quantizer, circuitry for fiber optic
key signal generation and recognition, pin-selectable
signal switching, and current driven transmitter outputs.
The ML6680 copper interface consists of a twisted pair
line equalizer, receive squelch circuit, pin selectable
phantom wire fault detection and signal switching, and a
transmit driver. This section supports the ISO/IEC8802-5
standard requirements. The ML6680 provides an optional
PECL compatible interface.
The ML6680 may be configured to one of four modes:
1. Standard Media Converter
2. Concentrator Media Converter
3. Lobe or Ring Out Port Media Converter
4. Ring In Port Media Converter
FEATURES
s
Single-chip copper-to-fiber converter for Token Ring
s
16Mbps and 4Mbps data rates with the same
external components
s
Four modes of operation covering a wide variety
of applications
s
Full duplex operation
s
Highly stable data quantizer with 55dB input
dynamic range
s
Current driven fiber optic LED driver for accurate
launch power
s
Current driven output for low RFI noise and low jitter
s
Capable of driving 100
Ω UTP or 150Ω STP
s
Pin selectable phantom wire fault detection and
signal switching
TWISTED PAIR
EQUALIZER
TWISTED PAIR
RECEIVE SQUELCH
TWISTED PAIR
DRIVER
PHANTOM
DRIVER
LED
DRIVER
FIBER OPTIC
RECEIVE SQUELCH
FIBER OPTIC
QUANTIZER
BIAS
CONTROL
LOGIC
CRYSTAL
OSCILLATOR
SIGNAL
MUX
TPINP
TPINN
OPVCC
OPOUT
TPOUTP
TPINOK
RTSETTP
TPOUTN
OPINP
OPINOK
OPINN
PHTM1
PHTM2
XTAL1
VDC
XTAL2
KEYGEN
INSERTED
EQA
EQB
RTSETOP
BLOCK DIAGRAM


Similar Part No. - ML6680

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6622CS MICRO-LINEAR-ML6622CS Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6622IS MICRO-LINEAR-ML6622IS Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
ML6633CS MICRO-LINEAR-ML6633CS Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
More results

Similar Description - ML6680

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-2793-03 BEL-S553-2793-03 Datasheet
305Kb / 2P
TOKEN RING/FIBER APPLICATION FILTER MODULE
logo
PCA ELECTRONICS INC.
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
Token Ring Transceiver
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
Token Ring Transceiver
logo
Bel Fuse Inc.
0556-5338-00 BEL-0556-5338-00_00 Datasheet
120Kb / 6P
TOKEN RING MAGNETICS
logo
Rhombus Industries Inc.
F-1801 RHOMBUS-IND-F-1801 Datasheet
28Kb / 1P
TOKEN RING FILTER
1/15/96
logo
PCA ELECTRONICS INC.
EPT7101G PCA-EPT7101G Datasheet
155Kb / 1P
Token Ring / Fiber Application Filter Module
logo
XFMRS Inc.
XF0756L1 XFMRS-XF0756L1 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
2021 XFMRS-2021 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
Copper to Fiber Media Converter
logo
XFMRS Inc.
2038 XFMRS-2038 Datasheet
23Kb / 1P
FIBER TO TOKEN RING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com