Electronic Components Datasheet Search
  English  ▼

X  

ML6680 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6680
Description  Token Ring Copper-to-Fiber Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6680 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6680 Datasheet HTML 2Page - Micro Linear Corporation ML6680 Datasheet HTML 3Page - Micro Linear Corporation ML6680 Datasheet HTML 4Page - Micro Linear Corporation ML6680 Datasheet HTML 5Page - Micro Linear Corporation ML6680 Datasheet HTML 6Page - Micro Linear Corporation ML6680 Datasheet HTML 7Page - Micro Linear Corporation ML6680 Datasheet HTML 8Page - Micro Linear Corporation ML6680 Datasheet HTML 9Page - Micro Linear Corporation ML6680 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ML6680
6
AC CHARACTERISTICS
Over full range of operating conditions unless otherwise specified. (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK REFERENCE: XTAL1
fXO
Reference Clock Frequency
32.7
34.5
kHz
DXO
Reference Clock Duty Cycle
30
70
%
TWISTED PAIR RECEIVER: TPINP, TPINN
tTHTP
Input Pulse Width Threshold
550
1000
ns
tUSQTP
Time to Unsquelch (Off to On)
2
5
µs
tREJTP
Time to Reject (On to Off)
550
1000
ns
OPTICAL RECEIVER: OPINP, OPINN
tTHOP
Input Pulse Width Threshold
V(INSERTED) > 0.7V
550
1000
ns
tUSQOP
Time to Unsquelch (Off to On)
V(INSERTED) > 0.7V
3
9
µs
V(INSERTED) = 0V
0.8
1.2
µs
tREJOP
Time to Reject (On to Off)
V(INSERTED) > 0.7V
3
9
µs
V(INSERTED) = 0V
0.8
1.2
µs
PROPAGATION DELAYS STEADY STATE
tTPOP
TPINP-TPINN to OPOUT
20
ns
tOPTP
OPINP-OPINN to
30
ns
TPOUTP-TPOUTN
tTPTP
TPINP-TPINN to
30
ns
TPOUTP-TPOUTN
tOPOP
OPINP-OPINN to OPOUT
20
ns
INSERTION AND BYPASS KEY GENERATION (Fig. 1)
T_K1
Key Element #1
808
858
µs
(avg. PO < PO_Off)
T_K2
Key Element #2
1616
1717
µs
(avg. PO > PO_Off)
T_K3
Key Element #3
1616
µs
(avg. PO < PO_Off)
T_BYP
Bypass Element
4.85
26.5
ms
(avg. PO > PO_Off)
T_KINIT1
Time that phantom power
V(KEYGEN) = VCC, V(TPINOK) > 0.7V
26.5
ms
should be applied in config 1
before generating the insertion
key.
T_KINIT4
Time that the optical input
V(KEYGEN) = VCC, V(TPINOK) = 0V
26.5
ms
should be valid in config 4
V(PHTM1) = 0V, V(PHTM2) = 0V
before generating the insertion
key.
T_KOFF
Time that the optical input
V(KEYGEN) = VCC, V(TPINOK) = 0V
26.5
ms
should be invalid before
V(PHTM1) = 0V, V(PHTM2) = 0V
generating the bypass key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com