Electronic Components Datasheet Search
  English  ▼

X  

ML6680 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6680
Description  Token Ring Copper-to-Fiber Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6680 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6680 Datasheet HTML 1Page - Micro Linear Corporation ML6680 Datasheet HTML 2Page - Micro Linear Corporation ML6680 Datasheet HTML 3Page - Micro Linear Corporation ML6680 Datasheet HTML 4Page - Micro Linear Corporation ML6680 Datasheet HTML 5Page - Micro Linear Corporation ML6680 Datasheet HTML 6Page - Micro Linear Corporation ML6680 Datasheet HTML 7Page - Micro Linear Corporation ML6680 Datasheet HTML 8Page - Micro Linear Corporation ML6680 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ML6680
5
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PHANTOM DRIVE OUTPUTS: PHTM1, PHTM2
RNF
No Fault Phantom Load
2.9
5.5
k
Ω
Resistance
RSC
Short Circuit Phantom Load
50
Ω
Resistance
ROC
Open Circuit Phantom Load
50
k
Ω
Resistance
VOHP
Phantom Output High Voltage
IOHP > –1mA
4.1
V
IOHP > –2mA
3.5
V
ISC
Phantom Short Circuit Current
V(PHTM1) or V(PHTM2) = 0V
–1.8
–1.2
mA
IOFFP
Phantom Off Current
V(PHTM1) or V(PHTM2) = 0V
–100
100
µA
TWISTED PAIR RECEIVER: TPINP, TPINN
VOSRTP
Differential Offset Voltage
–35
35
mV
VDSTP
Differential Squelch Threshold
200
300
mVP-P
VPSTP
Differential Post-Squelch
100
150
mVP-P
Threshold
VCMTP
Open-Circuit Common Mode
2.4
V
Bias Voltage
RIDRTP
Differential Input Resistance
8
9.6
12.5
k
Ω
TWISTED PAIR TRANSMITTER: TPOUTP, TPOUTN
ITTP
Peak Output Current
27
29.5
mA
IOFFTP
Off State Output Current
1.5
mA
IDCI
Differential Current Im Balance
–300
300
µA
OPTICAL RECEIVER: OPINP, OPINN
VCMOP
Open Circuit Common Mode
1.6
V
Bias Voltage
VIROP
Input Signal Range
VDSOP
1600
mVP-P
VOSROP
Differential Offset Voltage
3
mV
EN
Input Referred Voltage Noise
50MHz BW
25
µVRMS
RIDROP
Differential Input Resistance
1.8
2.6
3.3
k
Ω
VDSOP
Differential Squelch Threshold
5
6
mVP-P
VPSOP
Differential Post Squelch
4
5
mVP-P
Threshold
H
Hysteresis
20
%
OPTICAL TRANSMITTER: OPOUT
ITOP
Peak Output Current
RTSETOP = 115
Ω
47
52
57
mA
IOFFOP
Off State Output Current
1mA
RTSETTP = 255
Ω,
Pins Connected to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com