Electronic Components Datasheet Search
  English  ▼

X  

ML6697 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6697
Description  100BASE-TX Physical Layer with MII
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6697 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6697 Datasheet HTML 1Page - Micro Linear Corporation ML6697 Datasheet HTML 2Page - Micro Linear Corporation ML6697 Datasheet HTML 3Page - Micro Linear Corporation ML6697 Datasheet HTML 4Page - Micro Linear Corporation ML6697 Datasheet HTML 5Page - Micro Linear Corporation ML6697 Datasheet HTML 6Page - Micro Linear Corporation ML6697 Datasheet HTML 7Page - Micro Linear Corporation ML6697 Datasheet HTML 8Page - Micro Linear Corporation ML6697 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ML6697
5
PIN DESCRIPTION (Continued)
PIN
NAME
DESCRIPTION
25
(21)
MDIO
MII Management Interface data TTL input/output. Serial data are written to and read
from the ML6697’s management registers through this I/O pin. Input data is sampled
on the rising edge of MDC. Data output should be sampled synchronously with
MDC's rising edge.
26
(22, 23)
DGND4
Digital ground.
27
(24, 25)
DVCC5
Digital +5V power supply.
28
(26, 27)
DGND5
Digital ground.
29
(28)
PHYAD0
MII Serial Management Interface address bit 0.
30
(29)
PHYAD1
MII Serial Management Interface address bit 1.
31
(30)
PHYAD2
MII Serial Management Interface address bit 2.
32
(31)
PHYAD3
MII Serial Management Interface address bit 3.
33
(32)
PHYAD4
MII Serial Management Interface address bit 4.
34
(33)
AVCC3A
Analog +5V power supply.
35
(34)
AVCC3B
Analog +5V power supply.
36
(35)
RGMSET
Equalizer bias resistor input. An external 9.53k
W, 1% resistor connected between
RGMSET and AGND3 sets internal time constants controlling the receive equalizer
transfer function.
37
(36)
RTSET
Transmit level bias resistor input. An external 2.49k
W, 1% resistor connected between
RTSET and AGND3 sets a precision constant bias current for the twisted pair transmit
level.
38
(37, 38)
AGND3
Analog ground.
39, 40 (39, 40)
TPOUTN/P
Transmit twisted pair outputs. This differential current output pair drives MLT-3
waveforms into the network coupling transformer.
41
(41, 42)
AGND2
Analog ground.
42
(43)
AVCC2
Analog +5V power supply.
43
(44)
LINK100
100BASE-TX link activity open-drain output. LINK100 pulls low when there is
100BASE-TX activity at TPINP/N in 100BASE-TX or auto-negotiation modes. This
output is capable of driving an LED directly.
44, 45 (45, 46)
TPINN/P
Receive twisted pair inputs. This differential input pair receives 100BASE-TX signals
from the network.
46
(47)
CMREF
Receiver common-mode reference output. This pin provides a common-mode bias
point for the twisted-pair media line receiver, typically (VCC – 1.26)V.
52
(55)
AVCC1
Analog +5V power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com