Electronic Components Datasheet Search
  English  ▼

X  

ML6697 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML6697
Description  100BASE-TX Physical Layer with MII
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6697 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML6697 Datasheet HTML 4Page - Micro Linear Corporation ML6697 Datasheet HTML 5Page - Micro Linear Corporation ML6697 Datasheet HTML 6Page - Micro Linear Corporation ML6697 Datasheet HTML 7Page - Micro Linear Corporation ML6697 Datasheet HTML 8Page - Micro Linear Corporation ML6697 Datasheet HTML 9Page - Micro Linear Corporation ML6697 Datasheet HTML 10Page - Micro Linear Corporation ML6697 Datasheet HTML 11Page - Micro Linear Corporation ML6697 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ML6697
8
AC ELECTRICAL CHARACTERISTICS
Over full range of operating conditions unless otherwise specified (Note 1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMITTER (Note 3)
tTR/F
TPOUTP-TPOUTN Differential
Notes 5, 6; for any legal
3.0
5.0
ns
Rise/Fall Time
code sequence
tTM
TPOUTP-TPOUTN Differential
Notes 5, 6; for any legal
–0.5
0.5
ns
Rise/Fall Time Mismatch
code sequence
tTDC
TPOUTP-TPOUTN Differential
Notes 4, 6
–0.5
0.5
ns
Output Duty Cycle Distortion
tTJT
TPOUTP-TPOUTN Differential
Note 6
300
1400
ps
Output Peak-to-Peak Jitter
XOST
TPOUTP-TPOUTN Differential
Notes 6, 7
5
%
Output Voltage Overshoot
tCLK
TXCLKIN – TXCLK Delay
6
8
11
ns
tTXP
Transmit Bit Delay
Note 8
10.5
bit times
RECEIVER
tRXDC
Receive Bit Delay (CRS)
Note 9
15.5
bit times
tRXDR
Receive Bit Delay (RXDV)
Note 10
25.5
bit times
MII (Media-Independent Interface)
XBTOL
TX Output Clock Frequency
25MHz frequency
–100
+100
ppm
Tolerance
tTPWH
TXCLKIN pulse width HIGH
14
ns
tTPWL
TXCLKIN pulse width LOW
14
ns
tRPWH
RXCLK pulse width HIGH
14
18
ns
tRPWL
RXCLK pulse width LOW
14
22
ns
tTPS
Setup time, TXD<3:0> Data
15
ns
Valid to TXCLK Rising Edge
(1.4V point)
tTPH
Hold Time, TXD<3:0> Data
0
ns
Valid After TXCLK Rising Edge
(1.4V point)
tRCS
Time that RXD<3:0> Data are
10
20
ns
Valid Before RXCLK Rising Edge
(1.4V point)
tRCH
Time that RXD<3:0> Data are
10
19
ns
Valid After RXCLK Rising Edge
(1.4V point)
tRPCR
RXCLK 10% – 90% Rise Time
6
ns
tRPCF
RXCLK 90%-10% Fall Time
6ns
tREND
RXEN high to RXD<3:0>,
2
10
ns
RXDV, RXER, RXCLK Driving
tRENZ
RXEN low to RXD<3:0>,
2
10
ns
RXDV, RXER, RXCLK
High Impedence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com