Electronic Components Datasheet Search
  English  ▼

X  

ML6697 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6697
Description  100BASE-TX Physical Layer with MII
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6697 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6697 Datasheet HTML 2Page - Micro Linear Corporation ML6697 Datasheet HTML 3Page - Micro Linear Corporation ML6697 Datasheet HTML 4Page - Micro Linear Corporation ML6697 Datasheet HTML 5Page - Micro Linear Corporation ML6697 Datasheet HTML 6Page - Micro Linear Corporation ML6697 Datasheet HTML 7Page - Micro Linear Corporation ML6697 Datasheet HTML 8Page - Micro Linear Corporation ML6697 Datasheet HTML 9Page - Micro Linear Corporation ML6697 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ML6697
6
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond
which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
VCC Supply Voltage Range .................. GND –0.3V to 6V
Input Voltage Range
Digital Inputs ...................... GND –0.3V to VCC +0.3V
TPINP, TPINN, .................... GND –0.3V to VCC +0.3V
Output Current
TPOUTP, TPOUTN ............................................. 60mA
All other outputs ................................................. 10mA
Junction Temperature ............................................. 150°C
Storage Temperature ..............................–65°C to +150°C
Lead Temperature (Soldering, 10 sec) .................... 260°C
Thermal Resistance (
qJA)
PLCC ............................................................... 40°C/W
TQFP ............................................................... 52°C/W
OPERATING CONDITIONS
VCC Supply Voltage ........................................... 5V ± 5%
All VCC supply pins must be within 0.1V of each other.
All GND pins
must be within 0.1V of each other.
TA, Ambient temperature .............................. 0°C to 70°C
RGMSET .................................................... 9.53k
W ± 1%
RTSET ........................................................ 2.49k
W ± 1%
Receive transformer insertion loss ...................... <–0.5dB
DC ELECTRICAL CHARACTERISTICS
Over full range of operating conditions unless otherwise specified (Note 1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER
VICM
TPINP/N Input Common-Mode
VCC – 1.26
V
Voltage (CMREF)
VID
TPINP-TPINN Differential Input
–3.0
3.0
V
Voltage Range
RIDR
TPINP-TPINN Differential
10.0k
W
Input Resistance
IICM
TPINP/N Common-Mode Input
+10
µA
Current
IRGM
RGMSET Input Current
RGMSET = 9.53k
W
130
µA
IRT
RTSET Input Current
RTSET = 2.49k
W
500
µA
LED OUTPUT (LINK100)
IOLS
Output Low Current
5mA
IOHS
Output Off Current
10
µA
TRANSMITTER
ITD
TPOUTP/N
Note 2, 3
±19
±21
mA
Differential Output Current
ITOFF
TPOUTP/N Off-State Output
RL = 200, 1%
0
1.5
mA
ITXI
TPOUTP/N Differential Output
Current Imbalance
RL = 200, 1%
500
µA
XERR
TPOUTP/N Differential Output
VOUT = VCC; Note 3
–5.0
+5.0
%
Current Error
XCMP
TPOUTP/N
VOUT = VCC ± 2.2V; referred to
Current Compliance Error
IOUT at VCC
–2.0
+2.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com