Electronic Components Datasheet Search
  English  ▼

X  

ML6697 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6697
Description  100BASE-TX Physical Layer with MII
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6697 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6697 Datasheet HTML 1Page - Micro Linear Corporation ML6697 Datasheet HTML 2Page - Micro Linear Corporation ML6697 Datasheet HTML 3Page - Micro Linear Corporation ML6697 Datasheet HTML 4Page - Micro Linear Corporation ML6697 Datasheet HTML 5Page - Micro Linear Corporation ML6697 Datasheet HTML 6Page - Micro Linear Corporation ML6697 Datasheet HTML 7Page - Micro Linear Corporation ML6697 Datasheet HTML 8Page - Micro Linear Corporation ML6697 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
July 1997
PRELIMINARY
ML6697
100BASE-TX Physical Layer with MII
GENERAL DESCRIPTION
The ML6697 implements the complete physical layer of
the Fast Ethernet 100BASE-TX standard. The ML6697
offers a single-chip per-port solution for MII-based
repeater applications. The ML6697 interfaces to the
controller through the Media Independent Interface (MII).
The ML6697 functionality includes 4B/5B encoding/
decoding, Stream Cipher scrambling/descrambling,
125MHz clock recovery/generation, receive adaptive
equalization, baseline wander correction, and MLT-3
transmitter.
FEATURES
n Single-chip 100BASE-TX physical layer
n Compliant to IEEE 802.3u 100BASE-TX standard
n Supports MII-based repeater applications
n Compliant MII (Media Indendent Interface)
n 4B/5B encoder/decoder
n Stream Cipher scrambler/descrambler
n 125MHz clock recovery/generation
n Baseline wander correction
n Adaptive equalization and MLT-3 encoding/decoding
BLOCK DIAGRAM (PLCC Package)
1
TXCLKIN
9
TXCLK
3
TXD3
4
TXD2
5
TXD1
6
TXD0
7
TXEN
8
TXER
40
39
TPOUTP
TPOUTN
PCS TRANSMIT
STATE MACHINE
NRZ TO NRZI ENCODER
SERIALIZER
MLT-3 ENCODER
EQUALIZER
BLW CORRECTION
MLT-3 DECODER
LOOPBACK MUX
CLOCK AND DATA
RECOVERY
NRZI TO NRZ DECODER
DESERIALIZER
FLP/100BASE-TX
TWISTED PAIR DRIVER
MII MANAGEMENT REGISTERS
AND CONTROL LOGIC
37
RTSET
45
TPINP
44
TPINN
46
36
RGMSET
43
CMREF
LINK100
18
CRS
19
RXEN
17
RXCLK
10
RXD3
12
RXD2
14
RXD1
16
RXD0
21
RXDV
23
RXER
25
24
30
29
32
31
33
CLOCK SYNTHESIZER
PCS RECEIVE
STATE MACHINE
5B/4B DECODER
DESCRAMBLER
4B/5B ENCODER
SCRAMBLER


Similar Part No. - ML6697

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
100BASE-T MII-to-PMD Transceiver
ML6691CQ MICRO-LINEAR-ML6691CQ Datasheet
143Kb / 10P
100BASE-T MII-to-PMD Transceiver
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6692CH MICRO-LINEAR-ML6692CH Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6692CQ MICRO-LINEAR-ML6692CQ Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
More results

Similar Description - ML6697

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6694 MICRO-LINEAR-ML6694 Datasheet
177Kb / 12P
100BASE-TX Physical Layer with 5-Bit Interface
ML6698 MICRO-LINEAR-ML6698 Datasheet
246Kb / 12P
100BASE-TX Physical Layer with 5-Bit Interface
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com