Electronic Components Datasheet Search
  English  ▼

X  

LMZ14203H Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14203H
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203H Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMZ14203H Datasheet HTML 11Page - Texas Instruments LMZ14203H Datasheet HTML 12Page - Texas Instruments LMZ14203H Datasheet HTML 13Page - Texas Instruments LMZ14203H Datasheet HTML 14Page - Texas Instruments LMZ14203H Datasheet HTML 15Page - Texas Instruments LMZ14203H Datasheet HTML 16Page - Texas Instruments LMZ14203H Datasheet HTML 17Page - Texas Instruments LMZ14203H Datasheet HTML 18Page - Texas Instruments LMZ14203H Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
Feature Description (continued)
NOTE
The DC current limit varies with duty cycle, switching frequency, and temperature.
7.3.3 Thermal Protection
The junction temperature of the LMZ14203H should not be allowed to exceed its maximum ratings. Thermal
protection is implemented by an internal Thermal Shutdown circuit which activates at 165 °C (typical) causing the
device to enter a low power standby state. In this state the main MOSFET remains off causing VO to fall, and
additionally the CSS capacitor is discharged to ground. Thermal protection helps prevent catastrophic failures for
accidental device overheating. When the junction temperature falls back below 145 °C (typical Hyst = 20 °C) the
SS pin is released, VO rises smoothly, and normal operation resumes.
7.3.4 Zero Coil Current Detection
The current of the lower (synchronous) MOSFET is monitored by a zero coil current detection circuit which
inhibits the synchronous MOSFET when its current reaches zero until the next ON-time. This circuit enables the
DCM operating mode, which improves efficiency at light loads.
7.3.5 Prebiased Startup
The LMZ14203H will properly start up into a prebiased output. This startup situation is common in multiple rail
logic applications where current paths may exist between different power rails during the startup sequence. The
prebias level of the output voltage must be less than the input UVLO set point. This will prevent the output pre-
bias from enabling the regulator through the high-side MOSFET body diode.
7.4 Device Functional Modes
7.4.1 Discontinuous Conduction and Continuous Conduction Modes
At light-load, the regulator will operate in discontinuous conduction mode (DCM). With load currents above the
critical conduction point, it will operate in continuous conduction mode (CCM). When operating in DCM the
switching cycle begins at zero amps inductor current; increases up to a peak value, and then recedes back to
zero before the end of the OFF-time. During the period of time that inductor current is zero, all load current is
supplied by the output capacitor. The next ON-time period starts when the voltage on the FB pin falls below the
internal reference. The switching frequency is lower in DCM and varies more with load current as compared to
CCM. Conversion efficiency in DCM is maintained since conduction and switching losses are reduced with the
smaller load and lower switching frequency.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com