Electronic Components Datasheet Search
  English  ▼

X  

LMZ14203H Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14203H
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203H Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMZ14203H Datasheet HTML 16Page - Texas Instruments LMZ14203H Datasheet HTML 17Page - Texas Instruments LMZ14203H Datasheet HTML 18Page - Texas Instruments LMZ14203H Datasheet HTML 19Page - Texas Instruments LMZ14203H Datasheet HTML 20Page - Texas Instruments LMZ14203H Datasheet HTML 21Page - Texas Instruments LMZ14203H Datasheet HTML 22Page - Texas Instruments LMZ14203H Datasheet HTML 23Page - Texas Instruments LMZ14203H Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
VIN = 28V
VIN = 30V
VIN = 36V
VIN = 42V
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
In CCM, current flows through the inductor through the entire switching cycle and never falls to zero during the
OFF-time. The switching frequency remains relatively constant with load current and line voltage variations. The
CCM operating frequency can be calculated using Equation 16.
The approximate formula for determining the DCM/CCM boundary is as follows:
IDCB ≊ VO × (VIN–VO) / ( 2 × 10 μH × fSW(CCM) × VIN)
(22)
The inductor internal to the module is 10
μH. This value was chosen as a good balance between low and high
input voltage applications. The main parameter affected by the inductor is the amplitude of the inductor ripple
current (ILR). ILR can be calculated with:
ILR P-P = VO × (VIN- VO) / (10 µH × fSW × VIN)
where
•
VIN is the maximum input voltage and fSW is determined from Equation 16.
(23)
If the output current IO is determined by assuming that IO = IL, the higher and lower peak of ILR can be
determined. Be aware that the lower peak of ILR must be positive if CCM operation is required.
8.2.3 Application Curve
Figure 47. Efficiency VOUT = 24 V, TA = 25°C
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com