Electronic Components Datasheet Search
  English  ▼

X  

AR0835HS Datasheet(PDF) 59 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 59 Page - ON Semiconductor

Back Button AR0835HS Datasheet HTML 55Page - ON Semiconductor AR0835HS Datasheet HTML 56Page - ON Semiconductor AR0835HS Datasheet HTML 57Page - ON Semiconductor AR0835HS Datasheet HTML 58Page - ON Semiconductor AR0835HS Datasheet HTML 59Page - ON Semiconductor AR0835HS Datasheet HTML 60Page - ON Semiconductor AR0835HS Datasheet HTML 61Page - ON Semiconductor AR0835HS Datasheet HTML 62Page - ON Semiconductor AR0835HS Datasheet HTML 63Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Electrical Characteristics
AR0835HS_DS Rev. D Pub. 5/15 EN
59
©Semiconductor Components Industries, LLC, 2015.
Figure 46:
Fall Slew Rates (Cap Load = 25pF)
VIH
Input HIGH voltage
0.7 x VDD_IO
–
VDD_IO + 0.5
V
VIL
Input LOW voltage
-0.5
–
0.3 x VDD_IO
V
Table 20:
Electrical Characteristics (EXTCLK)
fEXTCLK = 24 MHz; VAA = 2.8V; VAA_PIX = 2.8V; VDD_IO = 1.8V; VDD_1V2 = 1.2V;
Output load = 68.5pF; TJ = 55°C
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO
VDD_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com