Electronic Components Datasheet Search
  English  ▼

X  

AR0835HS Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 1 Page - ON Semiconductor

  AR0835HS Datasheet HTML 1Page - ON Semiconductor AR0835HS Datasheet HTML 2Page - ON Semiconductor AR0835HS Datasheet HTML 3Page - ON Semiconductor AR0835HS Datasheet HTML 4Page - ON Semiconductor AR0835HS Datasheet HTML 5Page - ON Semiconductor AR0835HS Datasheet HTML 6Page - ON Semiconductor AR0835HS Datasheet HTML 7Page - ON Semiconductor AR0835HS Datasheet HTML 8Page - ON Semiconductor AR0835HS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Features
AR0835HS_DS Rev. D Pub. 5/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/3.2-Inch 8 Mp CMOS Digital Image Sensor
AR0835HS Datasheet, Rev. D
For the latest datasheet, please visit www.onsemi.com
Features
• High speed sensor supporting 8 Mp (4:3) and 6 Mp
(16:9) up to 60 fps
• 1.4 pixel with ON Semiconductor A-PixHS™
technology providing best-in-class low-light
performance
• Optional on-chip high-quality Bayer scaler to resize
image to desired size
• Data Output Serial Interface: Four-lane High-Speed
Serial Pixel Interface (HiSPi) or mobile industry
processor interface (MIPI)
• Bit-depth compression available for serial interface:
10-to-8 and 10-6 bit compression to enable lower
bandwidth receivers for full frame rate applications
• On-chip temperature sensor
• On-die phase-locked loop (PLL) oscillator
• 5.6 kbits one-time programmable memory (OTPM)
for storing module information and calibration data
•On-chip 8-bit VCM driver
• 3D synchronization controls to enable stereo video
capture
• Interlaced multi-exposure readout enabling High
Dynamic Range (HDR) still and video applications
• Programmable controls: gain, horizontal and vertical
blanking, auto black level offset correction,
frame size/rate, exposure, left–right and top–bottom
image reversal, window size, and panning
• Support for external mechanical shutter
• Support for external LED or Xenon flash
Applications
•Sports cameras
• Digital still cameras
• Digital video cameras
Table 1:
Key Performance Parameters
Parameter
Typical Value
Array Format
8 Mp: 3264 x 2448, 6 Mp: 3264 x 1836
Primary modes
4:3 - 8 Mp 46 fps max (HiSPi) and 42 fps
max (MIPI)
16:9 - 6 Mp at 60 fps max
1080p 60 fps / 720p 120 fps max
Pixel size
1.4 m Back Side Illuminated (BSI)
Optical format
1/3.2"
Die size
6.86 mm x 6.44 mm (Area: 44.17 mm2)
Input Clock
Frequency
6 - 27 MHz
Interface
HiSPi Mode: 4 lanes at 1 Gbps max.
MIPI Mode: CSI-2 (2,3,4 lanes) at
896 Mbps max.
Subsampling
modes
X - Bin2, Sum2 Skip: 2x, 4x
Y - Sum2, Skip: 2x, 4x, 8x
Output data
depth
10-bit Raw, 10-to-8 bit A-Law, 8/6-bit
DPCM
Analog gain
1x, 2x, 3x, 4x, 6x, 8x
High Quality
Bayer Scalar
Adjustable scaling up to 1/6x scaling
Temperature
sensor
10-bit, single instance on chip, controlled
by two-wire serial I/F
VCM AF driver
8-bit resolution with slew rate control
3-D support
Frame rate and exposure synchronization
Supply
Voltage
Analog
2.5 - 3.1 V (2.8 V nominal)
Digital
1.14 - 1.3 V (1.2 V nominal)
Pixel
2.5 - 3.1 V (2.8 V nominal)
I/O
1.7 - 1.9 V (1.8 V nominal) or
2.5 - 3.1 V (2.8 V nominal)
HiSPi/
MIPI
1.14 - 1.3 V (1.2 V nominal)
OTPM Program
Voltage
6.5V
Power
consumption
Typical 420 mW at 25C for 8M/46 fps and
6M/60 fps
Responsivity
0.6 V/lux-sec


Similar Part No. - AR0835HS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0835HS ONSEMI-AR0835HS Datasheet
400Kb / 50P
CMOS Digital Image Sensor
February, 2017 ??Rev. 4
AR0835HS3C12SUAA0-DP ONSEMI-AR0835HS3C12SUAA0-DP Datasheet
400Kb / 50P
CMOS Digital Image Sensor
February, 2017 ??Rev. 4
AR0835HS3C12SUAA0-DR ONSEMI-AR0835HS3C12SUAA0-DR Datasheet
400Kb / 50P
CMOS Digital Image Sensor
February, 2017 ??Rev. 4
AR0835HS ONSEMI-AR0835HS_17 Datasheet
400Kb / 50P
CMOS Digital Image Sensor
February, 2017 ??Rev. 4
More results

Similar Description - AR0835HS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
6.6 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB Datasheet
1Mb / 40P
1.3 MP CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
6.6 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB_09 Datasheet
1Mb / 41P
1.3 MP CMOS Image Sensor
logo
ON Semiconductor
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_17 Datasheet
661Kb / 61P
1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com