Electronic Components Datasheet Search
  English  ▼

X  

AR0835HS Datasheet(PDF) 32 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AR0835HS Datasheet HTML 28Page - ON Semiconductor AR0835HS Datasheet HTML 29Page - ON Semiconductor AR0835HS Datasheet HTML 30Page - ON Semiconductor AR0835HS Datasheet HTML 31Page - ON Semiconductor AR0835HS Datasheet HTML 32Page - ON Semiconductor AR0835HS Datasheet HTML 33Page - ON Semiconductor AR0835HS Datasheet HTML 34Page - ON Semiconductor AR0835HS Datasheet HTML 35Page - ON Semiconductor AR0835HS Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
AR0835HS_DS Rev. D Pub. 5/15 EN
32
©Semiconductor Components Industries, LLC, 2015.
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Integration Time for Interlaced HDR Readout
Reading the OTPM
1. Apply power to all the power rails of the sensor (VDD_IO, VAA, VAA_PIX, DVDD_1V2,
DVDD_1V2_PHY, and DVDD_1V8) at their nominal voltage.
2. Set EXTCLK to normal operating frequency.
3. Perform proper reset sequence to the sensor.
4. Set R0x3134=0xCD95 (Timing Configuration)
5. Set R0x304C[15:8] = Record Type (for example, 0x30)
6. Set R0x304C[7:0] = Length of the record which is the number of data registers to be
read back. This could be set to 0 during OTPM auto read if length is unknown.
7. Set R0x3054 = 0x0400
8. Initiate the auto read sequence by setting the otpm_control_auto_read_start bit
(R0x304A[4]) = 1.
9. Poll the otpm_control_auto_rd_end bit (R0x304A[5]) to determine when the sensor is
finished reading the word(s). When this bit becomes 1, the otpm_control_auto_rd_-
success bit (R0x304A[6]) will indicate whether the memory was read successfully or
not.
10. Data can now be read back from the otpm_data registers (R0x3800-R0x39FE).
Image Acquisition Modes
The AR0835HS supports two image acquisition modes:
1. Electronic rolling shutter (ERS) mode.
This is the normal mode of operation. When the AR0835HS is streaming, it generates
frames at a fixed rate, and each frame is integrated (exposed) using the ERS. When the
ERS is in use, timing and control logic within the sensor sequences through the rows
of the array, resetting and then reading each row in turn. In the time interval between
resetting a row and subsequently reading that row, the pixels in the row integrate inci-
dent light. The integration (exposure) time is controlled by varying the time between
row reset and row readout. For each row in a frame, the time between row reset and
row readout is fixed, leading to a uniform integration time across the frame. When the
integration time is changed (by using the two-wire serial interface to change register
settings), the timing and control logic controls the transition from old to new integra-
tion time in such a way that the stream of output frames from the AR0835HS switches
cleanly from the old integration time to the new while only generating frames with
uniform integration. See “Changes to Integration Time” on page 24.
2. Global reset release (GRR) mode.
This mode can be used to acquire a single image at the current resolution. In this
mode, the end point of the pixel integration time is controlled by an external electro-
mechanical shutter, and the AR0835HS provides control signals to interface to that
shutter. The operation of this mode is described in detail in “Global Reset Release
(GRR)” on page 46.
The benefit for the use of an external electromechanical shutter is that it eliminates the
visual artifacts associated with ERS operation. Visual artifacts arise in ERS operation,
particularly at low frame rates, because an ERS image effectively integrates each row of
the pixel array at a different point in time.
Window Control
The sequencing of the pixel array is controlled by the x_addr_start, y_addr_start, x_ad-
dr_end, and y_addr_end registers. The output image size is controlled by the x_output_-
size and y_output_size registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com