Electronic Components Datasheet Search
  English  ▼

X  

AR0835HS Datasheet(PDF) 17 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AR0835HS Datasheet HTML 13Page - ON Semiconductor AR0835HS Datasheet HTML 14Page - ON Semiconductor AR0835HS Datasheet HTML 15Page - ON Semiconductor AR0835HS Datasheet HTML 16Page - ON Semiconductor AR0835HS Datasheet HTML 17Page - ON Semiconductor AR0835HS Datasheet HTML 18Page - ON Semiconductor AR0835HS Datasheet HTML 19Page - ON Semiconductor AR0835HS Datasheet HTML 20Page - ON Semiconductor AR0835HS Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
AR0835HS_DS Rev. D Pub. 5/15 EN
17
©Semiconductor Components Industries, LLC, 2015.
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Two-Wire Serial Register Interface
Two-Wire Serial Register Interface
A two-wire serial interface bus enables read/write access to control and status registers
within the AR0835HS. The two-wire serial interface is fully compatible with the I2C stan-
dard.
The interface protocol uses a master/slave model in which a master controls one or
more slave devices. The sensor acts as a slave device. The master generates a clock (SCLK)
that is an input to the sensor and is used to synchronize transfers. Data is transferred
between the master and the slave on a bidirectional signal (SDATA). SDATA is pulled up to
VDD off-chip by a 1.5k resistor. Either the slave or master device can drive SDATA
LOW—the interface protocol determines which device is allowed to drive SDATA at any
given time.
The protocols described in the two-wire serial interface specification allow the slave
device to drive SCLK LOW; the AR0835HS uses SCLK as an input only and therefore never
drives it LOW. The electrical and timing specifications are further detailed on “Two-Wire
Serial Register Interface” on page 17.
Protocol
Data transfers on the two-wire serial interface bus are performed by a sequence of low-
level protocol elements:
1. a (repeated) start condition
2. a slave address/data direction byte
3. an (a no) acknowledge bit
4. a message byte
5. a stop condition
The bus is idle when both SCLK and SDATA are HIGH. Control of the bus is initiated with a
start condition, and the bus is released with a stop condition. Only the master can
generate the start and stop conditions.
Start Condition
A start condition is defined as a HIGH-to-LOW transition on SDATA while SCLK is HIGH.
At the end of a transfer, the master can generate a start condition without previously
generating a stop condition; this is known as a “repeated start” or “restart” condition.
Stop Condition
A stop condition is defined as a LOW-to-HIGH transition on SDATA while SCLK is HIGH.
Data Transfer
Data is transferred serially, 8 bits at a time, with the MSB transmitted first. Each byte of
data is followed by an acknowledge bit or a no-acknowledge bit. This data transfer
mechanism is used for the slave address/data direction byte and for message bytes.
One data bit is transferred during each SCLK clock period. SDATA can change when SCLK
is LOW and must be stable while SCLK is HIGH.
Slave Address/Data Direction Byte
Bits [7:1] of this byte represent the device slave address and bit [0] indicates the data
transfer direction. A “0” in bit [0] indicates a WRITE, and a “1” indicates a READ. Alter-
nate slave addresses of 0x6E(write address) and 0x6F(read address) can be selected by
enabling and asserting the SADDR signal through the GPI pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com