Electronic Components Datasheet Search
  English  ▼

X  

AR0835HS Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0835HS Datasheet HTML 11Page - ON Semiconductor AR0835HS Datasheet HTML 12Page - ON Semiconductor AR0835HS Datasheet HTML 13Page - ON Semiconductor AR0835HS Datasheet HTML 14Page - ON Semiconductor AR0835HS Datasheet HTML 15Page - ON Semiconductor AR0835HS Datasheet HTML 16Page - ON Semiconductor AR0835HS Datasheet HTML 17Page - ON Semiconductor AR0835HS Datasheet HTML 18Page - ON Semiconductor AR0835HS Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
AR0835HS_DS Rev. D Pub. 5/15 EN
15
©Semiconductor Components Industries, LLC, 2015.
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Power Down Sequence
Hard Standby and Hard Reset
The hard standby state is reached by the assertion of the XSHUTDOWN pad (hard reset).
Register values are not retained by this action, and will be returned to their default
values once hard reset is completed. The minimum power consumption is achieved by
the hard standby state. The details of the sequence are described below and shown in
Figure 7.
1. Disable streaming if output is active by setting mode_select 0x301A[2] = 0.
2. The soft standby state is reached after the current row or frame, depending on config-
uration, has ended.
3. Assert XSHUTDOWN (active LOW) to reset the sensor.
4. The sensor remains in hard standby state if XSHUTDOWN remains in the logic “0”
state.
Figure 7:
Hard Standby and Hard Reset
Soft Standby and Soft Reset
The AR0835HS can reduce power consumption by switching to the soft standby state
when the output is not needed. Register values are retained in the soft standby state. The
details of the sequence are described below and shown in Figure 8 on page 16.
Soft Standby
1. Disable streaming if output is active by setting mode_select 0x301A[2] = 0.
2. The soft standby state is reached after the current row or frame, depending on config-
uration, has ended.
Soft Reset
1. Follow the soft standby sequence list above.
2. Set software_reset = 1 (R0x3021) to start the internal initialization sequence.
3. After 2400 EXTCLKs , the internal initialization sequence is completed and the current
state returns to soft standby automatically.
EXTCLK
mode_select
R0x0100
XSHUTDOWN
Logic “1”
Logic “0”
Streaming
Soft Standby
Hard Standby
Hard Reset
next row/frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com