Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62360 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS62360 Datasheet HTML 35Page - Texas Instruments TPS62360 Datasheet HTML 36Page - Texas Instruments TPS62360 Datasheet HTML 37Page - Texas Instruments TPS62360 Datasheet HTML 38Page - Texas Instruments TPS62360 Datasheet HTML 39Page - Texas Instruments TPS62360 Datasheet HTML 40Page - Texas Instruments TPS62360 Datasheet HTML 41Page - Texas Instruments TPS62360 Datasheet HTML 42Page - Texas Instruments TPS62360 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
TPS62360, TPS62361B
TPS62362, TPS62363
www.ti.com
SLVSAU9C – MAY 2011 – REVISED NOVEMBER 2012
Table 15. TPS62362 Register 0x00h Description
REGISTER ADDRESS: 0x00h Read/Write
BIT
NAME
DEFAULT
DESCRIPTION
MSB
Operation mode for SET0
D7
MODE0
0
0 = PFM / PWM mode operation
1 = Forced PWM mode operation
D6
x
Reserved for future use
Output voltage for SET0
D5
1
Default: (101110)2 = 1.23V
D4
0
D5-D0
Output voltage
D3
1
00 0000
770 mV
00 0001
780 mV
OV0[5:0]
D2
1
00 0010
790 mV
. . .
. . .
D1
1
11 1111
1400 mV
D0
LSB
0
VOUT = (xx xxxx)2 × 10mV + 770 mV
Table 16. TPS62363 Register 0x00h Description
REGISTER ADDRESS: 0x00h Read/Write
BIT
NAME
DEFAULT
DESCRIPTION
MSB
Operation mode for SET0
D7
MODE0
0
0 = PFM / PWM mode operation
1 = Forced PWM mode operation
D6
1
Output voltage for SET0
Default: (1000110)2 = 1.2V
D5
0
D4
0
D6-D0
Output voltage
D3
0
000 0000
500 mV
000 0001
510 mV
OV0[6:0]
D2
1
000 0010
520 mV
. . .
. . .
D1
1
111 1111
1770 mV
D0
LSB
0
VOUT = (xxx xxxx)2 × 10mV + 500 mV
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TPS62360 TPS62361B TPS62362 TPS62363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com