Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62360 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62360 Datasheet HTML 12Page - Texas Instruments TPS62360 Datasheet HTML 13Page - Texas Instruments TPS62360 Datasheet HTML 14Page - Texas Instruments TPS62360 Datasheet HTML 15Page - Texas Instruments TPS62360 Datasheet HTML 16Page - Texas Instruments TPS62360 Datasheet HTML 17Page - Texas Instruments TPS62360 Datasheet HTML 18Page - Texas Instruments TPS62360 Datasheet HTML 19Page - Texas Instruments TPS62360 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Time Base - 250ns/Div
SW Pin 2V/Div
Inductor Current 200mA/Div w/ 3A Offset
TPS62361B
I
= 3A
V
= 3.6V
V
= 1.2V
OUT
IN
OUT
G024
V
10mV/Div w/ 1.2V Offset
OUT
Time Base - 20 s/Div
G025
V
1V/Div w/ 0.6V Offset
OUT
Inductor Current
500mA/Div
TPS62361B
RAMP[2:0] = 000 (32mV/ s)
I
V
OUT
IN
OUT
= 0A
= 3.6V
V
= 0.6V to 1.5V
V
2V/Div
SEL0
Time Base - 250ns/Div
SW Pin 2V/Div
Inductor Current 200mA/Div w/ 200mA Offset
TPS62361B
I
= 200mA
OUT
V
= 3.6V
V
= 1.2V
IN
OUT
G022
V
10mV/Div w/ 1.2V Offset
OUT
Time Base - 250ns/Div
SW Pin 2V/Div
Inductor Current 200mA/Div w/ 1A Offset
TPS62361B
I
= 1A
OUT
V
= 3.6V
V
= 1.2V
IN
OUT
G023
V
10mV/Div w/ 1.2V Offset
OUT
TPS62360, TPS62361B
TPS62362, TPS62363
SLVSAU9C – MAY 2011 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SWITCHING WAVE FORMS
SWITCHING WAVE FORMS
IOUT = 200mA
IOUT = 1A
Figure 23.
Figure 24.
SWITCHING WAVE FORMS
OUTPUT VOLTAGE RAMP CONTROL
IOUT = 3A
NO LOAD
Figure 25.
Figure 26.
16
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TPS62360 TPS62361B TPS62362 TPS62363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com