Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62360 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS62360 Datasheet HTML 45Page - Texas Instruments TPS62360 Datasheet HTML 46Page - Texas Instruments TPS62360 Datasheet HTML 47Page - Texas Instruments TPS62360 Datasheet HTML 48Page - Texas Instruments TPS62360 Datasheet HTML 49Page - Texas Instruments TPS62360 Datasheet HTML 50Page - Texas Instruments TPS62360 Datasheet HTML 51Page - Texas Instruments TPS62360 Datasheet HTML 52Page - Texas Instruments TPS62360 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
A1
TIYMLLLLS
XXXXXXXXX
E
D
Code:
• YM — Year Month date code
• LLLL — Lot trace code
• S — Assembly site code
• TI — Texas Instruments
• XXXXXXXX — Part number
• TPS62360 = TPS62360
• TPB62361 = TPS62361B
• TPS62362 = TPS62362
• TPS62363 = TPS62363
TPS62360, TPS62361B
TPS62362, TPS62363
www.ti.com
SLVSAU9C – MAY 2011 – REVISED NOVEMBER 2012
PACKAGE SUMMARY
CHIP SCALE PACKAGE
(TOP VIEW)
Figure 53. Package Marking and Dimensions
CHIP SCALE PACKAGE DIMENSIONS
The TPS6236x device is available in a 16-bump chip scale package (YZH, NanoFree™). The package
dimensions are given as:
•
D = 2.076mm (+/- 0.03mm)
•
E = 2.076mm (+/- 0.03mm)
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TPS62360 TPS62361B TPS62362 TPS62363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com